Electronic Components Datasheet Search
  English  ▼

X  

L1060 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L1060
Description  1.8 MM SOLID STATE LAMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L1060 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L1060 Datasheet HTML 1Page - List of Unclassifed Manufacturers L1060 Datasheet HTML 2Page - List of Unclassifed Manufacturers L1060 Datasheet HTML 3Page - List of Unclassifed Manufacturers L1060 Datasheet HTML 4Page - List of Unclassifed Manufacturers L1060 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: CDA0693
REV NO: V.1
DATE: NOV/11/2001
PAGE: 1 OF 5
APPROVED : J. Lu
CHECKED :
DRAWN: Z.W.Yan
1.8mm SOLID STATE LAMPS
L1060ID HIGH EFFICIENCY RED
L1060GD GREEN
L1060ED ORANGE
L1060YD YELLOW
L1060SRx SUPER BRIGHT RED
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Features
!
1.8mm DIAMETER SMALL SIZE LED LAMP.
!
ULTRA BRIGHTNESS IS AVAILABLE.
!
VERSATILE MOUNTING ON P.C. BOARD OR PANEL.
!
RELIABLE AND RUGGED.
!
AVAILABLE IN DIFFUSED AND WATER CLEAR LENS.
Description
The High Efficiency Red and Orange source color devices
are made with Gallium Arsenide Phosphide on Gallium
Phosphide Orange Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
The Super Bright Red source color devices are made
with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions


Similar Part No. - L1060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1060 ETC2-L1060 Datasheet
70Kb / 2P
STANDARD AND CUSTOM
More results

Similar Description - L1060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
HLMP-K600 FAIRCHILD-HLMP-K600 Datasheet
112Kb / 4P
T-100 3 mm SOLID STATE LAMPS
logo
Kingbright Corporation
L793ID KINGBRIGHT-L793ID Datasheet
129Kb / 4P
8MM SOLID STATE LAMPS
AM2520SRC09 KINGBRIGHT-AM2520SRC09 Datasheet
76Kb / 4P
SUBMINIATURE SOLID STATE LAMPS
AM2520EJ KINGBRIGHT-AM2520EJ Datasheet
127Kb / 4P
SUBMINIATURE SOLID STATE LAMPS
logo
Chicago Miniature Lamp,...
4362D1 CML-4362D1 Datasheet
67Kb / 1P
Solid State LED Lamps-Rectangular 1.8 x 5.3mm Tri-Color
logo
Transcend Information. ...
TS32GSSD18M-M TRANSCEND-TS32GSSD18M-M Datasheet
800Kb / 32P
1.8??Portable Solid State Drive
logo
Everlight Electronics C...
HLMP1790 EVERLIGHT-HLMP1790 Datasheet
258Kb / 4P
SOLID STATE LAMPS
logo
Visual Communications C...
4362D1-5 VCC-4362D1-5 Datasheet
73Kb / 1P
Solid State LED Lamps-Rectangular 1.8 x 5.3mm Tri-Color
logo
Fairchild Semiconductor
MV5074C FAIRCHILD-MV5074C Datasheet
102Kb / 4P
SOLID STATE LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com