Electronic Components Datasheet Search
  English  ▼

X  

LM9800CCV Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9800CCV
Description  8-Bit Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9800CCV Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LM9800CCV Datasheet HTML 26Page - National Semiconductor (TI) LM9800CCV Datasheet HTML 27Page - National Semiconductor (TI) LM9800CCV Datasheet HTML 28Page - National Semiconductor (TI) LM9800CCV Datasheet HTML 29Page - National Semiconductor (TI) LM9800CCV Datasheet HTML 30Page - National Semiconductor (TI) LM9800CCV Datasheet HTML 31Page - National Semiconductor (TI) LM9800CCV Datasheet HTML 32Page - National Semiconductor (TI) LM9800CCV Datasheet HTML 33Page - National Semiconductor (TI) LM9800CCV Datasheet HTML 34Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Applications Information (Continued)
TABLE 3. Configuration Register Example Data
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
00
0
Standard
RS
Pulse
Width
RS
Pulse
Polarity
RS Pulse Position
(Minimum Value is 1)
Mode or
Even/Odd
Mode
1000
1
0
1
0
00
1
Sample Reference Position
Sample Signal Position
1110
1
0
0
0
01
0
φ1
φ2RS
TR
TR Pulse Width
TR–
φ1TR
Enable
Enable
Enable
Enable
Guardband
Polarity
1111
0
0
0
0
01
1
Dummy Pixels (Minimum Value is 1)
Set to 1 + Number of Dummy Pixels Given in CCD Datasheet
10
0
Optical Black Pixels (Minimum Value is 1)
Set to Number of Optical Black Pixels Given in CCD Datasheet
10
1
PGA Gain Coefficient
0
GAIN6
GAIN5
GAIN4
GAIN3
GAIN2
GAIN1
GAIN0
11
0
PGA Gain
Test
Power-
Offset
VGA
VGA State
VGA State
VGA State
Source
Mode
down
Add
On/Off
Pixel c
Pixel b
Pixel a
PGASRC
0
0
OFFADD
0
000
1
111
11
1
Offset DAC
Offset DAC
Offset DAC
Offset DAC
Test Modes
Sign
MSB
LSB
ODSIGN
VOS2
VOS1
VOS0
0
0
0
0
www.national.com
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com