Electronic Components Datasheet Search
  English  ▼

X  

LM224 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM224
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM224 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM224 Datasheet HTML 2Page - Texas Instruments LM224 Datasheet HTML 3Page - Texas Instruments LM224 Datasheet HTML 4Page - Texas Instruments LM224 Datasheet HTML 5Page - Texas Instruments LM224 Datasheet HTML 6Page - Texas Instruments LM224 Datasheet HTML 7Page - Texas Instruments LM224 Datasheet HTML 8Page - Texas Instruments LM224 Datasheet HTML 9Page - Texas Instruments LM224 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V,
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066R − SEPTEMBER 1975 − REVISED JANUARY 2005
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TA‡
LM124
LM224
LM324
LM324K
UNIT
PARAMETER
TEST CONDITIONS†
TA‡
MIN
TYP §
MAX
MIN
TYP §
MAX
UNIT
VIO
Input offset voltage
VCC = 5 V to MAX,
25
°C
3
5
3
7
mV
VIO
Input offset voltage
VCC = 5 V to MAX,
VIC = VICRmin, VO = 1.4 V
Full range
7
9
mV
IIO
Input offset current
VO = 1.4 V
25
°C
2
30
2
50
nA
IIO
Input offset current
VO = 1.4 V
Full range
100
150
nA
IIB
Input bias current
VO = 1.4 V
25
°C
−20
−150
−20
−250
nA
IIB
Input bias current
VO = 1.4 V
Full range
−300
−500
nA
25
°C
0 to
0 to
VICR
Common-mode
VCC = 5 V to MAX
25
°C
0 to
VCC − 1.5
0 to
VCC − 1.5
V
VICR
Common-mode
input voltage range
VCC = 5 V to MAX
Full range
0 to
0 to
V
input voltage range
Full range
0 to
VCC − 2
0 to
VCC − 2
RL = 2 kΩ
25
°C
VCC − 1.5
VCC − 1.5
VOH
High-level
RL = 10 kΩ
25
°C
V
VOH
High-level
output voltage
VCC = MAX
RL = 2 kΩ
Full range
26
26
V
output voltage
VCC = MAX
RL ≥ 10 kΩ
Full range
27
28
27
28
VOL
Low-level
output voltage
RL ≤ 10 kΩ
Full range
5
20
5
20
mV
AVD
Large-signal
differential voltage
VCC = 15 V, VO = 1 V to 11 V,
25
°C
50
100
25
100
V/mV
AVD
differential voltage
amplification
VCC = 15 V, VO = 1 V to 11 V,
RL ≥ 2 kΩ
Full range
25
15
V/mV
CMRR
Common-mode
rejection ratio
VIC = VICRmin
25
°C
70
80
65
80
dB
kSVR
Supply-voltage
rejection ratio
25
°C
65
100
65
100
dB
kSVR
rejection ratio
(
∆VCC /∆VIO)
25
°C
65
100
65
100
dB
VO1/VO2
Crosstalk
attenuation
f = 1 kHz to 20 kHz
25
°C
120
120
dB
VCC = 15 V,
VID = 1 V,
Source
25
°C
−20
−30
−60
−20
−30
−60
VCC = 15 V,
VID = 1 V,
VO = 0
Source
Full range
−10
−10
mA
IO
Output current
VCC = 15 V,
VID = −1 V,
Sink
25
°C
10
20
10
20
mA
IO
Output current
VCC = 15 V,
VID = −1 V,
VO = 15 V
Sink
Full range
5
5
VID = −1 V,
VO = 200 mV
25
°C
12
30
12
30
µA
IOS
Short-circuit
output current
VCC at 5 V,
GND at −5 V
VO = 0,
25
°C
±40
±60
±40
±60
mA
Supply current
VO = 2.5 V,
No load
Full range
0.7
1.2
0.7
1.2
ICC
Supply current
(four amplifiers)
VCC = MAX,
VO = 0.5 VCC,
No load
Full range
1.4
3
1.4
3
mA
† All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX VCC for
testing purposes is 26 V for LM2902 and 30 V for the others.
‡ Full range is −55°C to 125°C for LM124, −25°C to 85°C for LM224, and 0°C to 70°C for LM324.
§ All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com