Electronic Components Datasheet Search
  English  ▼

X  

LM224 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM224
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM224 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM224 Datasheet HTML 5Page - Texas Instruments LM224 Datasheet HTML 6Page - Texas Instruments LM224 Datasheet HTML 7Page - Texas Instruments LM224 Datasheet HTML 8Page - Texas Instruments LM224 Datasheet HTML 9Page - Texas Instruments LM224 Datasheet HTML 10Page - Texas Instruments LM224 Datasheet HTML 11Page - Texas Instruments LM224 Datasheet HTML 12Page - Texas Instruments LM224 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V,
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066R − SEPTEMBER 1975 − REVISED JANUARY 2005
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating conditions, VCC = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
SR
Slew rate at unity gain
RL = 1 MΩ, CL = 30 pF, VI = ±10 V (see Figure 1)
0.5
V/
µs
B1
Unity-gain bandwidth
RL = 1 MΩ, CL = 20 pF (see Figure 1)
1.2
MHz
Vn
Equivalent input noise voltage
RS = 100 Ω, VI = 0 V, f = 1 kHz (see Figure 2)
35
nV/
√Hz
VO
−
+
RL
CL
VI
VCC+
VCC−
Figure 1. Unity-Gain Amplifier
VO
−
+
100
Ω
VCC+
VCC−
RS
900
Ω
VI = 0 V
Figure 2. Noise-Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com