Electronic Components Datasheet Search
  English  ▼

X  

LTC3703 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC3703
Description  100V Synchronous Switching Regulator Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC3703 Datasheet HTML 19Page - Linear Technology LTC3703 Datasheet HTML 20Page - Linear Technology LTC3703 Datasheet HTML 21Page - Linear Technology LTC3703 Datasheet HTML 22Page - Linear Technology LTC3703 Datasheet HTML 23Page - Linear Technology LTC3703 Datasheet HTML 24Page - Linear Technology LTC3703 Datasheet HTML 25Page - Linear Technology LTC3703 Datasheet HTML 26Page - Linear Technology LTC3703 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC3703
23
3703f
Once VPROG is determined, RIMAX is chosen as follows:
RIMAX = VPROG/12µA
Note that in a boost mode architecture, it is only possible
to provide protection for “soft” shorts where VOUT > VIN.
For hard shorts, the inductor current is limited only by the
input supply capability. Refer to Current Limit Program-
ming for buck mode for further considerations for current
limit programming.
Boost Converter: Feedback Loop/Compensation
Compensating a voltage mode boost converter is unfortu-
nately more difficult than for a buck converter. This is due
to an additional right-half plane (RHP) zero that is present
in the boost converter but not in a buck. The additional
phase lag resulting from the RHP zero is difficult if not
impossible to compensate even with a Type 3 loop, so the
best approach is usually to roll off the loop gain at a lower
frequency than what could be achievable in buck con-
verter.
A typical gain/phase plot of a voltage-mode boost con-
verter is shown in Figure 16. The modulator gain and
phase can be measured as described for a buck converter
or can be estimated as follows:
GAIN (COMP-to-VOUT DC gain) = 20Log(VOUT2/VIN)
Dominant Pole: fP =
V
V
LC
IN
OUT
•
1
2
π
Since significant phase shift begins at frequencies above
the dominant LC pole, choose a crossover frequency no
greater than about half this pole frequency. The gain of the
compensation network should equal –GAIN at this fre-
quency so that the overall loop gain is 0dB here. The
compensation component to achieve this, using a Type 1
amplifier (see Figure 12), is:
G = 10–GAIN/20
C1 = 1/(2
π • f • G • R1)
Run/Soft-Start Function
The RUN/SS pin is a multipurpose pin that provide a soft-
start function and a means to shut down the LTC3703.
Soft-start reduces the input supply’s surge current by
gradually increasing the duty cycle and can also be used
for power supply sequencing.
Pulling RUN/SS below 1V puts the LTC3703 into a low
quiescent current shutdown (IQ ≅ 50µA). This pin can be
driven directly from logic as shown in Figure 17. Releasing
the RUN/SS pin allows an internal 4
µA current source to
charge up the soft-start capacitor CSS. When the voltage
on RUN/SS reaches 1V, the LTC3703 begins operating at
its minimum on-time. As the RUN/SS voltage increases
from 1V to 3V, the duty cycle is allowed to increase from
0% to 100%. The duty cycle control minimizes input
supply inrush current and elimates output voltage over-
shoot at start-up and ensures current limit protection even
with a hard short. The RUN/SS voltage is internally clamped
at 4V.
Figure 16. Transfer Function of Boost Modulator
GAIN
(dB)
PHASE
(DEG)
3703 F16
AV
00
–90
–180
PHASE
GAIN
–12dB/OCT
Figure 17. LTC3703 Startup Operation
2ms/DIV
VOUT
5V/DIV
VIN = 50V
ILOAD = 2A
CSS = 0.01µF
RUN/SS
2V/DIV
IL
2A/DIV
3703 F17
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com