Electronic Components Datasheet Search
  English  ▼

X  

LTC3831 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3831
Description  High Power Synchronous Switching Regulator Controller for DDR Memory Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3831 Datasheet(HTML) 3 Page - Linear Technology

  LTC3831 Datasheet HTML 1Page - Linear Technology LTC3831 Datasheet HTML 2Page - Linear Technology LTC3831 Datasheet HTML 3Page - Linear Technology LTC3831 Datasheet HTML 4Page - Linear Technology LTC3831 Datasheet HTML 5Page - Linear Technology LTC3831 Datasheet HTML 6Page - Linear Technology LTC3831 Datasheet HTML 7Page - Linear Technology LTC3831 Datasheet HTML 8Page - Linear Technology LTC3831 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC3831
3831f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
SHDN Input High Voltage
q
2.4
V
VIL
SHDN Input Low Voltage
q
0.8
V
IIN
SHDN Input Current
VSHDN = VCC
q
0.1
1
µA
ISS
Soft-Start Source Current
VSS = 0V, VIMAX = 0V, VIFB = VCC
q
–8
–12
–16
µA
ISSIL
Maximum Soft-Start Sink Current
VIMAX = VCC, VIFB = 0V, VSS = VCC (Note 8),
1.6
mA
Undercurrent Limit
PVCC1 = 8V
R+
R+ Input Resistance
49.5
k
Ω
tr, tf
Driver Rise/Fall Time
Figure 2, PVCC1 = PVCC2 = 5V (Note 5)
q
80
250
ns
tNOV
Driver Nonoverlap Time
Figure 2, PVCC1 = PVCC2 = 5V (Note 5)
q
25
120
250
ns
DCMAX
Maximum TG Duty Cycle
Figure 2, VFB = 0V (Note 5), PVCC1 = 8V
q
91
95
%
The q denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VCC, PVCC1, PVCC2 = 5V, VR+ = 2.5V, VR– = GND, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
Note 3: Supply current in normal operation is dominated by the current
needed to charge and discharge the external FET gates. This will vary with
the LTC3831 operating frequency, operating voltage and the external FETs
used.
Note 4: The LTC3831EGN is guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 5: Rise and fall times are measured using 10% and 90% levels. Duty
cycle and nonoverlap times are measured using 50% levels.
Note 6: Guaranteed by design, not subject to test.
Note 7: PVCC1 must be higher than VCC by at least 2.5V for TG to operate
at 95% maximum duty cycle and for the current limit protection circuit to
be active.
Note 8: The current limiting amplifier can sink but cannot source current.
Under normal (not current limited) operation, the output current will be
zero.
Note 9: This IC includes overtemperature protection that is intended to protect
the device during momentary overload conditions. Junction temperature will
exceed 125
°C when overtemperature protection is active. Continuous opera-
tion above the specified maximum operating junction temperature may impair
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com