Electronic Components Datasheet Search
  English  ▼

X  

M54HC4316 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC4316
Description  QUAD BILATERAL SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4316 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC4316 Datasheet HTML 1Page - STMicroelectronics M54HC4316 Datasheet HTML 2Page - STMicroelectronics M54HC4316 Datasheet HTML 3Page - STMicroelectronics M54HC4316 Datasheet HTML 4Page - STMicroelectronics M54HC4316 Datasheet HTML 5Page - STMicroelectronics M54HC4316 Datasheet HTML 6Page - STMicroelectronics M54HC4316 Datasheet HTML 7Page - STMicroelectronics M54HC4316 Datasheet HTML 8Page - STMicroelectronics M54HC4316 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
July 2001
s
HIGH SPEED:
tPD = 13ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at Vcc =5V
s
LOW ”ON” RESISTANCE:
120
Ω TYP. (V
CC -VEE = 2V)
50
Ω TYP. (V
CC -VEE = 4.5V)
35
Ω TYP. (V
CC -VEE = 9V)
s
WIDE ANALOG INPUT VOLTAGE
RANGE
± 6v
s
LOW CROSSTALK BETWEEN SWITCHES
s
FAST SWITCHING
s
SINE WAVE DISTORTION:
0.020 at VCC -VEE =9V
s
HIGH NOISE IMMUNITY:
VNIH =VNIL =28 % VCC (MIN.)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4316
DESCRIPTION
The M74HC4316 is an high speed CMOS QUAD
BILATERAL SWITCH fabricated with silicon gate
C2MOS technology.
This device has four independent
analogue
switches. Each switch has two input/output
terminals (nI/O, nO/I) and an active high select
input (nC).
When the enable input is high, all four analog
switches are off. The supply voltage for the digital
signals applied to VCC and GND must be whitin
the range 0 to 6 V. The voltage swing on the
analogue Inputs/Outputs can be between VCC
(positive limit) and VEE (negative limit). The
voltage between VCC and VEE must not exceed
12V.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC4316
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC4316B1R
SOP
M74HC4316M1R
M74HC4316RM13TR
TSSOP
M74HC4316TTR
TSSOP
DIP
SOP
QUAD BILATERAL SWITCH


Similar Part No. - M54HC4316

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4316 STMICROELECTRONICS-M54HC4316 Datasheet
270Kb / 11P
QUAD BILATERAL SWITCH
Jul-2001
M54HC4316F1R STMICROELECTRONICS-M54HC4316F1R Datasheet
270Kb / 11P
QUAD BILATERAL SWITCH
Jul-2001
More results

Similar Description - M54HC4316

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
QUAD BILATERAL SWITCH
Oct-1993
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
QUAD BILATERAL SWITCH
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
Quad Bilateral Switch
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
Quad Bilateral Switch
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
QUAD BILATERAL SWITCH
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
QUAD BILATERAL SWITCH
29-Jul-2004
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
Quad Bilateral Switch
logo
Unisonic Technologies
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com