Electronic Components Datasheet Search
  English  ▼

X  

M54HC4316 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC4316
Description  QUAD BILATERAL SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4316 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC4316 Datasheet HTML 1Page - STMicroelectronics M54HC4316 Datasheet HTML 2Page - STMicroelectronics M54HC4316 Datasheet HTML 3Page - STMicroelectronics M54HC4316 Datasheet HTML 4Page - STMicroelectronics M54HC4316 Datasheet HTML 5Page - STMicroelectronics M54HC4316 Datasheet HTML 6Page - STMicroelectronics M54HC4316 Datasheet HTML 7Page - STMicroelectronics M54HC4316 Datasheet HTML 8Page - STMicroelectronics M54HC4316 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M74HC4316
2/11
LOGIC DIAGRAM
PIN DESCRIPTION
TRUTH TABLE
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
(*) 500mW at 65
°C; derate to 300mW by 10mW/°C from 65°Cto 85°C
PIN No
SYMBOL
NAME AND FUNCTION
1, 4, 10, 13
1 to 4 I/O
Independent Inputs/Out-
puts
2, 3, 11, 12
1 to 4 O/I
Independent Outputs/
Inputs
7
E
Enable Inputs (Active
LOW)
15, 5, 6, 14
1C to 4C
Enable Inputs (Active
High)
9VEE
Negative Supply Voltage
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
E
C
SWITCH FUNCTION
LH
ON
L
L
OFF
H
X
OFF
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VCC -VEE Supply Voltage
-0.5 to +13
V
VI
Control Input Voltage
-0.5 to VCC + 0.5
V
VI/O
Switch Input/Out put Voltage
VEE -0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Source Sink Current Per Output Pin
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500(*)
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com