Electronic Components Datasheet Search
  English  ▼

X  

EC739435 Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC739435
Description  -30V,-5.3A P-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC739435 Datasheet(HTML) 6 Page - E-CMOS Corporation

  EC739435 Datasheet HTML 1Page - E-CMOS Corporation EC739435 Datasheet HTML 2Page - E-CMOS Corporation EC739435 Datasheet HTML 3Page - E-CMOS Corporation EC739435 Datasheet HTML 4Page - E-CMOS Corporation EC739435 Datasheet HTML 5Page - E-CMOS Corporation EC739435 Datasheet HTML 6Page - E-CMOS Corporation EC739435 Datasheet HTML 7Page - E-CMOS Corporation EC739435 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EC739435
-30V、
、
、
、-5.3A P-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 7
5D10N Rev.F003
Ordering and Marking Information
EC739435 XX X
Part No
Package
Marking
Information
EC739435M1R
SOP-8L
739435
LLLLL
YYWW
LLLLL: Lot No
YY: Year Code
WW: Week Code
M1=
=
=
=SOP-8L
R:
:
:
:Tape & Reel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com