Electronic Components Datasheet Search
  English  ▼

X  

EC739435 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC739435
Description  -30V,-5.3A P-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC739435 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC739435 Datasheet HTML 1Page - E-CMOS Corporation EC739435 Datasheet HTML 2Page - E-CMOS Corporation EC739435 Datasheet HTML 3Page - E-CMOS Corporation EC739435 Datasheet HTML 4Page - E-CMOS Corporation EC739435 Datasheet HTML 5Page - E-CMOS Corporation EC739435 Datasheet HTML 6Page - E-CMOS Corporation EC739435 Datasheet HTML 7Page - E-CMOS Corporation EC739435 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EC739435
-30V、
、
、
、-5.3A P-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 7
5D10N Rev.F003
Description
The EC739435 uses advanced trench technology to provide excellent RDS(ON), low gate charge .It has been optimized for
power management applications requiring a wide range of gave drive voltage ratings (4.5V – 25V).
Features and Benefits:
◆ VDS = -30V,ID = -5.3A
RDS(ON) < 85m
@ VGS=-4.5V
RDS(ON) < 53m
@ VGS=-10V
◆ High Power and current handing capability
◆ Lead free product is acquired
◆ Surface Mount Package
Application
◆ Battery protection
◆ Load switch
◆ Power management
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Thermal Resistance
Thermal Resistance, Junction-to-Ambient (Note 2)
RθJA
50
℃/W
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
ID
-5.3
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
-20
A
Maximum Power Dissipation
PD
2.5
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃


Similar Part No. - EC739435

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC731020J7 E-CMOS-EC731020J7 Datasheet
369Kb / 6P
100V , 60A N-Channel
EC731020J7F2R E-CMOS-EC731020J7F2R Datasheet
369Kb / 6P
100V , 60A N-Channel
EC731030D E-CMOS-EC731030D Datasheet
429Kb / 7P
100V , 45A N-Channel
EC731030DA4R E-CMOS-EC731030DA4R Datasheet
429Kb / 7P
100V , 45A N-Channel
EC731N60E E-CMOS-EC731N60E Datasheet
196Kb / 4P
600V N-Channel Power MOSFET
More results

Similar Description - EC739435

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H9435S HSMC-H9435S Datasheet
41Kb / 4P
P-Channel Enhancement-Mode MOSFET (-30V, -5.3A)
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
logo
First Components Intern...
FMP05P30 FCI-FMP05P30 Datasheet
492Kb / 2P
5.3A 30V P-Channel Enhancement-Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com