Electronic Components Datasheet Search
  English  ▼

X  

MAX828 Datasheet(PDF) 13 Page - ON Semiconductor

Part # MAX828
Description  Switched Capacitor Voltage Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAX828 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button MAX828 Datasheet HTML 9Page - ON Semiconductor MAX828 Datasheet HTML 10Page - ON Semiconductor MAX828 Datasheet HTML 11Page - ON Semiconductor MAX828 Datasheet HTML 12Page - ON Semiconductor MAX828 Datasheet HTML 13Page - ON Semiconductor MAX828 Datasheet HTML 14Page - ON Semiconductor MAX828 Datasheet HTML 15Page - ON Semiconductor MAX828 Datasheet HTML 16Page - ON Semiconductor MAX828 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MAX828, MAX829
http://onsemi.com
13
0
14.0
12.0
20
10
10.0
8.0
2.0
30
40
Iout, OUTPUT CURRENT (mA)
6.0
Figure 40. Tripler Load Regulation,
Output Voltage vs. Output Current MAX828
A
B
TA = 25°C
C
D
A
3.0
1N4148
B
3.0
MBRA120E
Curve
Vin (V)
Diodes
110
96.5
MAX828
Rout (W)
C
5.0
1N4148
D
5.0
MBRA120E
84.5
78.2
111
96.7
MAX829
Rout (W)
87.3
77.1
020
10
30
40
Iout, OUTPUT CURRENT (mA)
Figure 41. Tripler Load Regulation,
Output Voltage vs. Output Current MAX829
A
B
TA = 25°C
C
D
4.0
14.0
12.0
10.0
8.0
2.0
6.0
4.0
+
5
4
2
3
1
OSC
MAX828 Capacitors = 10
mF
MAX829 Capacitors = 3.3
mF
Vin
5
4
2
3
1
OSC
+
−Vout
+
+
Figure 42. Paralleling Devices for Increased Negative Output Current
An increase in converter output current capability with a reduction in output resistance can be obtained by paralleling two
or more devices. The output current capability is approximately equal to the number of devices paralleled. A single shared
output capacitor is sufficient for proper operation but each device does require it’s own pump capacitor. Note that the output
ripple frequency will be complex since the oscillators are not synchronized. The output resistance is approximately equal to
the output resistance of one device divided by the total number of devices paralleled. The performance characteristics for a
converter consisting of two paralleled devices is shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com