Electronic Components Datasheet Search
  English  ▼

X  

MAX828 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MAX828
Description  Switched Capacitor Voltage Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAX828 Datasheet(HTML) 2 Page - ON Semiconductor

  MAX828 Datasheet HTML 1Page - ON Semiconductor MAX828 Datasheet HTML 2Page - ON Semiconductor MAX828 Datasheet HTML 3Page - ON Semiconductor MAX828 Datasheet HTML 4Page - ON Semiconductor MAX828 Datasheet HTML 5Page - ON Semiconductor MAX828 Datasheet HTML 6Page - ON Semiconductor MAX828 Datasheet HTML 7Page - ON Semiconductor MAX828 Datasheet HTML 8Page - ON Semiconductor MAX828 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MAX828, MAX829
http://onsemi.com
2
MAXIMUM RATINGS*
Rating
Symbol
Value
Unit
Input Voltage Range (Vin to GND)
Vin
−0.3 to 6.0
V
Output Voltage Range (Vout to GND)
Vout
−6.0 to 0.3
V
Output Current (Note 1)
Iout
100
mA
Output Short Circuit Duration (Vout to GND, Note 1)
tSC
Indefinite
sec
Operating Junction Temperature
TJ
150
°C
Power Dissipation and Thermal Characteristics
Thermal Resistance, Junction to Air
Maximum Power Dissipation @ TA = 70°C
RqJA
PD
256
313
°C/W
mW
Storage Temperature
Tstg
−55 to 150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
*ESD Ratings
ESD Machine Model Protection up to 200 V, Class B
ESD Human Body Model Protection up to 2000 V, Class 2
ELECTRICAL CHARACTERISTICS (Vin = 5.0 V for MAX828 C1 = C2 = 10 mF, for MAX829 C1 = C2 = 3.3 mF, TA = −40°C to 85°C, typical
values shown are for TA = 25°C unless otherwise noted. See Figure 20 for test setup.)
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Supply Voltage Range (RL = 10 k)
Vin
1.5 to 5.5
1.15 to 6.0
−
V
Supply Current Device Operating (RL = R)
TA = 25°C
MAX828
MAX829
TA = 85°C
MAX828
MAX829
Iin
−
−
−
−
68
118
73
128
90
200
100
200
mA
Oscillator Frequency
TA = 25°C
MAX828
MAX829
TA = −40°C to 85°C
MAX828
MAX829
fOSC
8.4
24.5
6.0
19
12
35
−
−
15.6
45.6
21
54
kHz
Output Resistance (Iout = 25 mA, Note 2)
MAX828
MAX829
Rout
−
−
26
26
50
50
W
Voltage Conversion Efficiency (RL = R)
VEFF
99
99.9
−
%
Power Conversion Efficiency (RL = 1.0 k)
PEFF
−
96
−
%
1. Maximum Package power dissipation limits must be observed to ensure that the maximum junction temperature is not exceeded.
TJ + TA ) (PD R
qJA)
2. Capacitors C1 and C2 contribution is approximately 20% of the total output resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com