Electronic Components Datasheet Search
  English  ▼

X  

AD4004 Datasheet(PDF) 22 Page - Analog Devices

Part # AD4004
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4004 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD4004 Datasheet HTML 18Page - Analog Devices AD4004 Datasheet HTML 19Page - Analog Devices AD4004 Datasheet HTML 20Page - Analog Devices AD4004 Datasheet HTML 21Page - Analog Devices AD4004 Datasheet HTML 22Page - Analog Devices AD4004 Datasheet HTML 23Page - Analog Devices AD4004 Datasheet HTML 24Page - Analog Devices AD4004 Datasheet HTML 25Page - Analog Devices AD4004 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD4000/AD4004/AD4008
Data Sheet
Rev. C | Page 22 of 36
Switching multiplexer channels typically results in large voltage
steps at the ADC inputs. To ensure an accurate conversion result,
the step must be given adequate time to settle before the ADC
samples its inputs (on the rising edge of CNV). The settling
time error is dependent on the drive circuitry (multiplexer
and ADC driver), RC filter values, and the time when the
multiplexer channels are switched. Switch the multiplexer
channels immediately after tQUIET1 has elapsed from the start
of the conversion to maximize settling time and to prevent
corruption of the conversion result. To avoid conversion
corruption, do not switch the channels during the tQUIET1 time.
If the analog inputs are multiplexed during the quiet conversion
time (tQUIET1), the current conversion may be corrupted.
EASE OF DRIVE FEATURES
Input Span Compression
In single-supply applications, it is desirable to use the full range
of the ADC; however, the amplifier can have some headroom
and footroom requirements, which can be a problem, even if it
is a rail-to-rail input and output amplifier. The AD4000/AD4004/
AD4008 include a span compression feature, which increases
the headroom and footroom available to the amplifier by reducing
the input range by 10% from the top and bottom of the range
while still accessing all available ADC codes (see Figure 39). The
SNR decreases by approximately 1.9 dB (20 × log(8/10)) for the
reduced input range when span compression is enabled. Span
compression is disabled by default but can be enabled by writing
to the relevant register bit (see the Digital Interface section).
ADC
VREF = 4.096V
DIGITAL OUTPUT
ALL 2N
CODES
+FSR
–FSR
90% OF VREF = 3.69V
10% OF VREF = 0.41V
ANALOG
INPUT
5V
IN+
Figure 39. Span Compression
High-Z Mode
The AD4000/AD4004/AD4008 incorporate high-Z mode, which
reduces the nonlinear charge kickback when the capacitor DAC
switches back to the input at the start of acquisition. Figure 40
shows the input current of the AD4000/AD4004/AD4008 with
high-Z mode enabled and disabled. The low input current makes
the ADC easier to drive than the traditional SAR ADCs available
in the market, even with high-Z mode disabled. The input current
reduces further to submicroampere range when high-Z mode is
enabled. The high-Z mode is disabled by default but can be
enabled by writing to the register (see Table 14). Disable high-Z
mode for input frequencies above 100 kHz or when multiplexing.
–25
–20
–15
–10
–5
0
5
10
15
20
25
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
INPUT DIFFERENTIAL VOLTAGE (V)
HIGH-Z DISABLED, 2MSPS
HIGH-Z DISABLED, 1MSPS
HIGH-Z DISABLED, 500kSPS
HIGH-Z ENABLED, 2MSPS
HIGH-Z ENABLED, 1MSPS
HIGH-Z ENABLED, 500kSPS
Figure 40. Input Current vs. Input Differential Voltage, VDD = 1.8 V,
VIO = 3.3 V, VREF = 5 V, 25°C
To achieve the optimum data sheet performance from high
resolution precision SAR ADCs, system designers are often forced
to use a dedicated high power, high speed amplifier to drive the
traditional switched capacitor SAR ADC inputs for their precision
applications, which is commonly encountered in designing a
precision data acquisition signal chain. The benefits of high-Z
mode are low input current for slow (<10 kHz) or dc type signals
and improved distortion (THD) performance over a frequency
range of up to 100 kHz. High-Z mode allows a choice of lower
power and lower bandwidth precision amplifiers with a lower
RC filter cutoff to drive the ADC, removing the need for dedicated
high speed ADC drivers, which saves system power, size, and cost
in precision, low bandwidth applications. High-Z mode allows the
amplifier and RC filter in front of the ADC to be chosen based on
the signal bandwidth of interest and not based on the settling
requirements of the switched capacitor SAR ADC inputs.
Additionally, the AD4000/AD4004/AD4008 can be driven with a
much higher source impedance than traditional SARs, which
means the resistor in the RC filter can have a value 10 times larger
than previous SAR designs and with high-Z mode enabled can
tolerate even larger impedance. Figure 41 shows the THD
performance for various source impedances with high-Z mode
disabled and enabled.
1
2
10
5
20
50
INPUT FREQUENCY (kHz)
–115
–110
–105
–100
–95
–90
–85
–80
–75
500Ω HIGH-Z OFF
500Ω HIGH-Z ON
1000Ω HIGH-Z OFF
1000Ω HIGH-Z ON
200Ω HIGH-Z OFF
200Ω HIGH-Z ON
Figure 41. THD vs. Input Frequency for Various Source Impedances,
VDD = 1.8 V, VIO = 3.3 V, VREF = 5 V, 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com