Electronic Components Datasheet Search
  English  ▼

X  

AD4004 Datasheet(PDF) 30 Page - Analog Devices

Part # AD4004
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4004 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD4004 Datasheet HTML 26Page - Analog Devices AD4004 Datasheet HTML 27Page - Analog Devices AD4004 Datasheet HTML 28Page - Analog Devices AD4004 Datasheet HTML 29Page - Analog Devices AD4004 Datasheet HTML 30Page - Analog Devices AD4004 Datasheet HTML 31Page - Analog Devices AD4004 Datasheet HTML 32Page - Analog Devices AD4004 Datasheet HTML 33Page - Analog Devices AD4004 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
AD4000/AD4004/AD4008
Data Sheet
Rev. C | Page 30 of 36
CS MODE, 3-WIRE WITH BUSY INDICATOR
This mode is typically used when a single AD4000/AD4004/
AD4008 device is connected to an SPI-compatible digital host
with an interrupt input (IRQ).
The connection diagram is shown in Figure 54, and the
corresponding timing diagram is shown in Figure 55.
With SDI tied to VIO, a rising edge on CNV initiates a conversion,
selects the CS mode, and forces SDO to high impedance. SDO
is maintained in high impedance until the completion of the
conversion, irrespective of the state of CNV. Prior to the minimum
conversion time, CNV can select other SPI devices, such as analog
multiplexers; however, CNV must be returned low before the
minimum conversion time elapses and then held low for the
maximum possible conversion time to guarantee the generation
of the busy signal indicator.
When the conversion is complete, SDO goes from high impedance
to low impedance. With a pull-up resistor of 1 kΩ on the SDO
line, this transition can be used as an interrupt signal to initiate
the data reading controlled by the digital host. The AD4000/
AD4004/AD4008 then enter the acquisition phase and power
down. The data bits are then clocked out, MSB first, by
subsequent SCK falling edges. The data is valid on both SCK
edges. Although the rising edge can capture the data, a digital
host using the SCK falling edge allows a faster reading rate,
provided it has an acceptable hold time. After the optional 17th
SCK falling edge or when CNV goes high (whichever occurs
first), SDO returns to high impedance.
If multiple AD4000/AD4004/AD4008 devices are selected at the
same time, the SDO output pin handles this contention without
damage or induced latch-up. It is recommended to keep this
contention as short as possible to limit extra power dissipation.
There must not be any digital activity on the SCK during the
conversion.
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
VIO
IRQ
VIO
1kΩ
AD4000/
AD4004/
AD4008
Figure 54. CS Mode, 3-Wire with Busy Indicator Connection Diagram (SDI High)
SDO
D15
D14
D1
D0
tDIS
SCK
1
2
3
15
16
17
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
CNV
CONVERSION
ACQUISITION
tCONV
tCYC
ACQUISITION
SDI = 1
tCNVH
tACQ
tQUIET2
Figure 55. CS Mode, 3-Wire with Busy Indicator Serial Interface Timing Diagram (SDI High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com