Electronic Components Datasheet Search
  English  ▼

X  

AD4010 Datasheet(PDF) 23 Page - Analog Devices

Part # AD4010
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4010 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD4010 Datasheet HTML 19Page - Analog Devices AD4010 Datasheet HTML 20Page - Analog Devices AD4010 Datasheet HTML 21Page - Analog Devices AD4010 Datasheet HTML 22Page - Analog Devices AD4010 Datasheet HTML 23Page - Analog Devices AD4010 Datasheet HTML 24Page - Analog Devices AD4010 Datasheet HTML 25Page - Analog Devices AD4010 Datasheet HTML 26Page - Analog Devices AD4010 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Preliminary Technical Data
AD4002/AD4006/AD4010
Rev. PrA | Page 23 of 36
Figure 42 and Figure 43 show the AD4002/AD4006/AD4010
SNR and THD performance using the ADA4077-1 (supply
current per amplifier (ISY) = 400 µA), and ADA4610-1 (ISY =
1.50 mA) precision amplifiers when driving the AD4002/AD4006/
AD4010 at full throughput for high-Z mode both enabled and
disabled with various RC filter values. These amplifiers achieve
TBD dB to TBD dB typical SNR and close to TBD dB typical
TBD with high-Z enabled for a 2.27 MHz RC bandwidth. THD
is approximately TBD dB better with high-Z mode enabled,
even for large R values greater than 200 Ω. SNR maintains close
to TBD dB even with a very low RC filter cutoff.
When high-Z mode is enabled, the ADC consumes approximately
2 mW per MSPS extra power; however, this is still significantly
lower than using dedicated ADC drivers like the ADA4807-1.
For any system, the front end usually limits the overall ac/dc
performance of the signal chain. It is evident from the data
sheets of the selected precision amplifiers shown in Figure 42
and Figure 43 that their own noise and distortion performance
dominates the SNR and THD specification at a certain input
frequency.
TBD
Figure 42. SNR vs. RC Filter Bandwidths for Various Precision ADC Drivers,
fIN = 1 kHz (Turbo Mode On, High-Z Enabled/Disabled), VDD = 1.8 V,
VIO = 3.3 V, VREF = 5 V, 25°C
TBD
Figure 43. THD vs. RC Bandwidths for Various Precision ADC Drivers,
fIN = 1 kHz (Turbo Mode On, High-Z Enabled/Disabled), VDD = 1.8 V,
VIO = 3.3 V, VREF = 5 V, 25°C
Long Acquisition Phase
The AD4002/AD4006/AD4010 also feature a very fast
conversion time of 290 ns, which results in a long acquisition
phase. The acquisition is further extended by a key feature of
the AD4002/AD4006/AD4010: the ADC returns to the
acquisition phase typically 100 ns before the end of the conversion.
This feature provides an even longer time for the ADC to acquire
the new input voltage. A longer acquisition phase reduces the
settling requirement on the driving amplifier, and a lower power/
bandwidth amplifier can be chosen. The longer acquisition
phase means that a lower RC filter (represented by R and C in
Figure 33 and Figure 34) cutoff can be used, which means a
noisier amplifier can also be tolerated. A larger value of R can
be used in the RC filter with a corresponding smaller value of C,
reducing amplifier stability concerns without affecting distortion
performance significantly. A larger value of R also results in
reduced dynamic power dissipation in the amplifier.
See Table 10 for details on setting the RC filter bandwidth and
choosing a suitable amplifier.
VOLTAGE REFERENCE INPUT
A 10 µF (X7R, 0805 size) ceramic chip capacitor is appropriate
for the optimum performance of the reference input.
For higher performance and lower drift, use a reference such as
the ADR4550. Use a low power reference such as the ADR3450
at the expense of a slight decrease in the noise performance. It is
recommended to use a reference buffer such as the ADA4807-1
between the reference and the ADC reference input. It is important
to consider the optimum capacitance necessary to keep the
reference buffer stable as well as to meet the minimum ADC
requirement stated previously in this section (that is, a 10 µF
ceramic chip capacitor, CREF).
POWER SUPPLY
The AD4002/AD4006/AD4010 use two power supply pins: a core
supply (VDD) and a digital input/output interface supply (VIO).
VIO allows direct interface with any logic between 1.8 V and 5.5 V.
To reduce the number of supplies needed, VIO and VDD can be
tied together for 1.8 V operation. The ADP7118 low noise,
CMOS, low dropout (LDO) linear regulator is recommended to
power the VDD and VIO pins. The AD4002/AD4006/AD4010
are independent of power supply sequencing between VIO and
VDD. Additionally, the AD4002/AD4006/AD4010 are insensitive
to power supply variations over a wide frequency range, as
shown in Figure 44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com