Electronic Components Datasheet Search
  English  ▼

X  

AD4010 Datasheet(PDF) 25 Page - Analog Devices

Part # AD4010
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4010 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD4010 Datasheet HTML 21Page - Analog Devices AD4010 Datasheet HTML 22Page - Analog Devices AD4010 Datasheet HTML 23Page - Analog Devices AD4010 Datasheet HTML 24Page - Analog Devices AD4010 Datasheet HTML 25Page - Analog Devices AD4010 Datasheet HTML 26Page - Analog Devices AD4010 Datasheet HTML 27Page - Analog Devices AD4010 Datasheet HTML 28Page - Analog Devices AD4010 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Preliminary Technical Data
AD4002/AD4006/AD4010
Rev. PrA | Page 25 of 36
REGISTER READ/WRITE FUNCTIONALITY
The AD4002/AD4006/AD4010 register bits are programmable
and their default statuses are shown in Table 12. The register map
is shown in Table 14. The overvoltage clamp flag (OV) is a read
only sticky bit, and it is cleared only if the register is read and the
overvoltage condition is no longer present. It gives an indication
of overvoltage condition when it is set to 0.
Table 12. Register Bits
Register Bits
Default Status
Overvoltage (OV) Clamp Flag
1 bit, 1 = inactive (default)
Span Compression
1 bit, 0 = disabled (default)
High-Z Mode
1 bit, 0 = disabled (default)
Turbo Mode
1 bit, 0 = disabled (default)
Enable Six Status Bits
1 bit, 0 = disabled (default)
All access to the register map must start with a write to the 8-bit
command register in the SPI interface block. The AD4002/
AD4006/AD4010 ignore all 1s until the first 0 is clocked in; the
value loaded into the command register is always a 0 followed
by seven command bits. This command determines whether
that operation is a write or a read. The AD4002/AD4006/
AD4010 command register is shown in Table 13.
All register read/writes must occur while CNV is low. Data on
SDI is clocked in on the rising edge of SCK. Data on SDO is
clocked out on the falling edge of SCK. At the end of the data
transfer, SDO is put in a high impedance state on the rising
edge of CNV if daisy-chain mode is not enabled. If daisy-chain
mode is enabled, SDO goes low on the rising edge of CNV.
Register reads are not allowed in daisy-chain mode.
A register write requires three signal lines: SCK, CNV, and SDI.
During a register write, to read the current conversion results
on SDO, the CNV pin must be brought low after the conversion
is completed; otherwise, the conversion results may be incorrect
on SDO. However, the register write occurs regardless.
The LSB of each configuration register is reserved because a
user reading 16-bit conversion data may be limited to a 16-bit
SPI frame. The state of SDI on the last bit in the SDI frame may
be the state that then persists when CNV rises. Because interface
mode is partly set based on the SDI state when CNV rises, in
this scenario, the user may need to set the final SDI state.
The timing diagrams in Figure 46 through Figure 48 show how
data is read and written when the AD4002/AD4006/AD4010
are configured in register read, write, and daisy-chain mode.
Table 13. Command Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WEN
R/W
0
1
0
1
0
0
Table 14. Register Map
ADDR[1:0]
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
0x0
Reserved
Reserved
Reserved
Enable six
status bits
Span
compression
High-Z mode
Turbo
mode
Overvoltage (OV) clamp
flag (read only sticky bit)
0xE1
tCYC
tSCK
tDIS
tSCKL
tSCKH
tSCNVSCK
tSSDISCK
tHSDISCK
tCNVH
tEN
CNV
SCK
1
2
3
4
5
6
7
0
1
1
0
1
0
1
0
0
B0
B1
B2
B3
B4
B5
B6
WEN
R/W
0
1
0
1
ADDR[1:0]
8
9
10
11
12
13
14
15
16
SDI
SDO
tHSDO
tDSDO
B7
X
D17
D16
D15
D14
D13
D12
D11
D10
Figure 46. Register Read Timing Diagram (X Means Don’t Care)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com