Electronic Components Datasheet Search
  English  ▼

X  

PL68C Datasheet(PDF) 6 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # PL68C
Description  ZENER DIODES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

PL68C Datasheet(HTML) 6 Page - Zibo Seno Electronic Engineering Co.,Ltd

Back Button PL68C Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 6Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 7Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 8Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 9Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 10Page - Zibo Seno Electronic Engineering Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
7
Zener Diodes 1.5W
1N5913 to 1N5956, DO-41
Nominal Zener
Voltage
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
Maximum DC
Zener Current
Type No.
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR @ VR
IZM
Axial Lead
(V)
(mA)
(Ω)
(Ω)
(mA)
(uA)
(V)
(mA)
1N5913
3.3
113.6
10
500
1.0
100
1.0
454
1N5914
3.6
104.2
9.0
500
1.0
75
1.0
416
1N5915
3.9
96.1
7.5
500
1.0
25
1.0
384
1N5916
4.3
87.2
6.0
500
1.0
5.0
1.0
348
1N5917
4.7
79.8
5.0
500
1.0
5.0
1.5
319
1N5918
5.1
73.5
4.0
350
1.0
5.0
2.0
294
1N5919
5.6
66.9
2.0
250
1.0
5.0
3.0
267
1N5920
6.2
60.5
2.0
200
1.0
5.0
4.0
241
1N5921
6.8
55.1
2.5
200
1.0
5.0
5.2
220
1N5922
7.5
50.0
3.0
400
0.5
5.0
6.0
200
1N5923
8.2
45.7
3.5
400
0.5
5.0
6.5
182
1N5924
9.1
41.2
4.0
500
0.5
5.0
7.0
164
1N5925
10
37.5
4.5
500
0.25
5.0
8.0
150
1N5926
11
34.1
5.5
550
0.25
1.0
8.4
136
1N5927
12
31.2
6.5
550
0.25
1.0
9.1
125
1N5928
13
28.8
7.0
550
0.25
1.0
9.9
115
1N5929
15
25.0
9.0
600
0.25
1.0
11.4
100
1N5930
16
23.4
10
600
0.25
1.0
12.2
93
1N5931
18
20.8
12
650
0.25
1.0
13.7
83
1N5932
20
18.7
14
650
0.25
1.0
15.2
75
1N5933
22
17.0
17.5
650
0.25
1.0
16.7
68
1N5934
24
15.6
19
700
0.25
1.0
18.2
62
1N5935
27
13.9
23
700
0.25
1.0
20.6
55
1N5936
30
12.5
28
750
0.25
1.0
22.8
50
1N5937
33
11.4
33
800
0.25
1.0
25.1
45
1N5938
36
10.4
38
850
0.25
1.0
27.4
41
1N5939
39
9.6
45
900
0.25
1.0
29.7
38
1N5940
43
8.7
53
950
0.25
1.0
32.7
34
1N5941
47
8.0
67
1000
0.25
1.0
35.8
31
1N5942
51
7.3
70
1100
0.25
1.0
38.8
29
1N5943
56
6.7
86
1300
0.25
1.0
42.6
26
1N5944
62
6.0
100
1500
0.25
1.0
47.1
24
1N5945
68
5.5
120
1700
0.25
1.0
51.2
22
1N5946
75
5.0
140
2000
0.25
1.0
56
20
1N5947
82
4.6
160
2500
0.25
1.0
62.2
18
1N5948
91
4.1
200
3000
0.25
1.0
69.2
16
1N5949
100
3.7
250
3100
0.25
1.0
76
15
1N5950
110
3.4
300
4000
0.25
1.0
83.6
13
1N5951
120
3.1
380
4500
0.25
1.0
91.2
12
1N5952
130
2.9
450
5000
0.25
1.0
98.8
11
1N5953
150
2.5
600
6000
0.25
1.0
114
10
1N5954
160
2.3
700
6500
0.25
1.0
121.6
9.0
1N5955
180
2.1
900
7000
0.25
1.0
136.8
8.0
1N5956
200
1.9
1200
8000
0.25
1.0
152
7.0
D0-41
Dim
Millimeters
Inches
Min
Max
Min
Max
A
25.4
---
1.000
---
B
4.20
5.20
0.165
0.205
C
0.70
0.90
0.028
0.034
D
2.00
2.70
0.080
0.107
WWW.SENOCN.COM
Alldatasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com