Electronic Components Datasheet Search
  English  ▼

X  

PL68C Datasheet(PDF) 14 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # PL68C
Description  ZENER DIODES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

PL68C Datasheet(HTML) 14 Page - Zibo Seno Electronic Engineering Co.,Ltd

Back Button PL68C Datasheet HTML 6Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 7Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 8Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 9Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 10Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 11Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 12Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 13Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 14Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
15
Zener Diodes 5W
SMBJ5333A to SMBJ5388A, SMB
Nominal Zener
Voltage
Test
Current
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
Maximum DC
Zener Current
Type No.
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR @ VR (V)
IZM
Axial Lead
(V)
(mA)
(Ω)
(Ω)
(mA)
(uA) Suffix“A” Suffix“B”
(mA)
SMBJ5333A
3.3
380
3.0
400
1.0
300
1.0
1.0
1440
SMBJ5334A
3.6
350
2.5
500
1.0
150
1.0
1.0
1320
SMBJ5335A
3.9
320
2.0
500
1.0
50
1.0
1.0
1220
SMBJ5336A
4.3
290
2.0
500
1.0
10
1.0
1.0
1100
SMBJ5337A
4.7
260
2.0
450
1.0
5.0
1.0
1.0
1010
SMBJ5338A
5.1
240
1.5
400
1.0
1.0
1.0
1.0
930
SMBJ5339A
5.6
220
1.0
400
1.0
1.0
2.0
2.0
856
SMBJ5340A
6.0
200
1.0
300
1.0
1.0
3.0
3.0
790
SMBJ5341A
6.2
200
1.0
200
1.0
1.0
4.0
3.0
765
SMBJ5342A
6.8
175
1.0
200
1.0
150
4.9
5.2
700
SMBJ5343A
7.5
175
1.5
200
1.0
150
5.4
5.7
630
SMBJ5344A
8.2
150
1.5
200
1.0
150
5.9
6.2
580
SMBJ5345A
8.7
150
2.0
200
1.0
150
6.25
6.6
545
SMBJ5346A
9.1
150
2.0
150
1.0
150
6.6
6.9
520
SMBJ5347A
10
125
2.0
125
1.0
150
7.2
7.6
475
SMBJ5348A
11
125
2.5
125
1.0
150
8.0
8.4
430
SMBJ5349A
12
100
2.5
125
1.0
2.0
8.6
9.1
395
SMBJ5350A
13
100
2.5
100
1.0
1.0
9.4
9.9
365
SMBJ5351A
14
100
2.5
75
1.0
1.0
10.1
10.6
340
SMBJ5352A
15
75
2.5
75
1.0
1.0
10.8
11.5
315
SMBJ5353A
16
75
2.5
75
1.0
1.0
11.5
12.2
295
SMBJ5354A
17
70
2.5
75
1.0
0.5
12.2
12.9
280
SMBJ5355A
18
65
2.5
75
1.0
0.5
13.0
13.7
265
SMBJ5356A
19
65
8.0
75
1.0
0.5
13.7
14.4
250
SMBJ5357A
20
65
3.0
75
1.0
0.5
14.4
15.2
237
SMBJ5358A
22
50
3.5
75
1.0
0.5
15.8
16.7
216
SMBJ5359A
24
50
3.5
100
1.0
0.5
17.3
18.2
198
SMBJ5360A
25
50
4.0
110
1.0
0.5
18.0
19.0
190
SMBJ5361A
27
50
5.0
120
1.0
0.5
19.4
20.6
176
SMBJ5362A
28
50
6.0
130
1.0
0.5
20.1
21.2
170
SMBJ5363A
30
40
8.0
140
1.0
0.5
21.6
22.8
158
SMBJ5364A
33
40
10
150
1.0
0.5
23.8
25.1
144
SMBJ5365A
36
30
11
160
1.0
0.5
25.9
27.4
132
SMBJ5366A
39
30
14
170
1.0
0.5
28.1
29.7
122
SMBJ5367A
43
30
20
190
1.0
0.5
31.0
32.7
110
SMBJ5368A
47
25
25
210
1.0
0.5
33.8
35.8
100
SMBJ5369A
51
25
27
230
1.0
0.5
36.7
38.8
93.0
SMBJ5370A
56
20
35
280
1.0
0.5
40.3
42.6
86.0
SMBJ5371A
60
20
40
350
1.0
0.5
43.0
45.5
79.0
SMBJ5372A
62
20
42
400
1.0
0.5
44.6
47.1
76.0
SMBJ5373A
68
20
44
500
1.0
0.5
49.0
51.7
70.0
SMBJ5374A
75
20
45
620
1.0
0.5
54.0
56.0
63.0
SMBJ5375A
82
15
65
720
1.0
0.5
59.0
62.2
58.0
SMBJ5376A
87
15
75
760
1.0
0.5
63.0
66.0
54.5
SMBJ5377A
91
15
75
760
1.0
0.5
65.5
69.2
52.5
SMBJ5378A
100
12
90
800
1.0
0.5
72.0
76.0
47.5
SMBJ5379A
110
12
125
1000
1.0
0.5
79.2
83.6
43.0
SMBJ5380A
120
10
170
1150
1.0
0.5
86.4
91.2
39.5
SMBJ5381A
130
10
190
1250
1.0
0.5
93.2
98.8
36.6
SMBJ5382A
140
8.0
230
1500
1.0
0.5
101
106
34.0
SMBJ5383A
150
8.0
330
1500
1.0
0.5
108
114
31.6
SMBJ5384A
160
8.0
350
1650
1.0
0.5
115
122
29.4
SMBJ5385A
170
8.0
380
1750
1.0
0.5
122
129
28.0
SMBJ5386A
180
5.0
430
1750
1.0
0.5
130
137
26.4
SMBJ5387A
190
5.0
450
1850
1.0
0.5
137
144
25.0
SMBJ5388A
200
5.0
480
1850
1.0
0.5
144
152
23.6
SMB
Dim
Millimeters
Inches
Min
Max
Min
Max
A
4.06
4.57
0.160
0.180
B
3.30
3.94
0.130
0.155
C
1.95
2.20
0.077
0.086
D
0.125
0.305
0.006
0.012
E
5.21
5.59
0.205
0.220
F
----
0.203
----
0.008
G
2.13
2.44
0.084
0.096
H
0.76
1.52
0.030
0.060
WWW.SENOCN.COM
Alldatasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com