Electronic Components Datasheet Search
  English  ▼

X  

NCS2002 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCS2002
Description  Sub-One Volt Rail-to-Rail Operational Amplifier with Enable Feature
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2002 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCS2002 Datasheet HTML 8Page - ON Semiconductor NCS2002 Datasheet HTML 9Page - ON Semiconductor NCS2002 Datasheet HTML 10Page - ON Semiconductor NCS2002 Datasheet HTML 11Page - ON Semiconductor NCS2002 Datasheet HTML 12Page - ON Semiconductor NCS2002 Datasheet HTML 13Page - ON Semiconductor NCS2002 Datasheet HTML 14Page - ON Semiconductor NCS2002 Datasheet HTML 15Page - ON Semiconductor NCS2002 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
NCS2002, NCV2002
http://onsemi.com
13
The non−inverting input threshold levels are set so that
the capacitor voltage oscillates between 1/3 and 2/3 of
VCC. This requires the resistors R1a, R1b and R2 to be of
equal value. The following formula can be used to
approximate the output frequency.
RT
470 k
R2
470 k
R1b
470 k
R1a
470 k
CT
1.0 nF
0.9 V
fO = 1.5 kHz
0.67 VCC
R1b
470 k
VCC
D2
1N4148
fO
−
+
−
+
0.9 V
f
O+
1
1.39 R
TCT
VCC
0.33 VCC
0
Output Voltage
Timing Capacitor
Voltage
VCC
R2
470 k
D1
1N4148
10 k
10 k
1.0 M
cw
R1a
470 k
CT
1.0 nF
0.67 VCC
VCC
0.33 VCC
0
Output Voltage
Timing Capacitor
Voltage
0.67 VCC
VCC
0.33 VCC
0
Output Voltage
Timing Capacitor
Voltage
The timing capacitor CT will charge through diode D2 and discharge
through diode D1, allowing a variable duty cycle. The pulse width of the
signal can be programmed by adjusting the value of the trimpot. The ca-
pacitor voltage will oscillate between 1/3 and 2/3 of VCC, since all the
resistors at the non−inverting input are of equal value.
Clock−wise, Low Duty Cycle
Counter−Clock−wise, High Duty Cycle
Figure 37. 0.9 V Square Wave Oscillator
Figure 38. Variable Duty Cycle Pulse Generator
cww



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com