Electronic Components Datasheet Search
  English  ▼

X  

NCS2002 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCS2002
Description  Sub-One Volt Rail-to-Rail Operational Amplifier with Enable Feature
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2002 Datasheet(HTML) 2 Page - ON Semiconductor

  NCS2002 Datasheet HTML 1Page - ON Semiconductor NCS2002 Datasheet HTML 2Page - ON Semiconductor NCS2002 Datasheet HTML 3Page - ON Semiconductor NCS2002 Datasheet HTML 4Page - ON Semiconductor NCS2002 Datasheet HTML 5Page - ON Semiconductor NCS2002 Datasheet HTML 6Page - ON Semiconductor NCS2002 Datasheet HTML 7Page - ON Semiconductor NCS2002 Datasheet HTML 8Page - ON Semiconductor NCS2002 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCS2002, NCV2002
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage (VCC to VEE)
VS
7.0
V
Input Differential Voltage Range (Note 1)
VIDR
VEE – 300 mV to 7.0 V
V
Input Common Mode Voltage Range (Note 1)
VICR
VEE – 300 mV to 7.0 V
V
Output Short Circuit Duration (Note 2)
tSc
Indefinite
sec
Junction Temperature
TJ
150
°C
Power Dissipation and Thermal Characteristics
SOT23−6 Package
Thermal Resistance, Junction to Air
Power Dissipation @ TA = 70°C
RqJA
PD
235
340
°C/W
mW
Operating Ambient Temperature Range
NCS2002
NCV2002 (Note 3)
TA
−40 to 105
−40 to 125
°C
Storage Temperature Range
Tstg
−65 to 150
°C
ESD Protection at any Pin Human Body Model (Note 4)
VESD
2000
V
1. Either or both inputs should not exceed the range of VEE – 300 mV to VEE + 7.0 V.
2. Maximum package power dissipation limits must be observed to ensure that the maximum junction temperature is not exceeded.
TJTA + (PD RqJA)
3. NCV prefix is for automotive and other applications requiring site and change control.
4. ESD data available upon request.
DC ELECTRICAL CHARACTERISTICS (VCC = 2.5 V, VEE = −2.5 V, VCM = VO = 0 V, RL to Gnd, TA = 25°C, unless otherwise noted)
Rating
Symbol
Min
Typ
Max
Unit
Input Offset Voltage
VCC = 0.45 V, VEE = −0.45 V
TA = 25°C
TA = 0°C to 70°C
TA = Tlow to Thigh
VCC = 1.5 V, VEE = −1.5 V
TA = 25°C
TA = 0°C to 70°C
TA = Tlow to Thigh
VCC = 2.5 V, VEE = −2.5 V
TA = 25°C
TA = 0°C to 70°C
TA = Tlow to Thigh
VIO
−6.0
−8.5
−9.5
−6.0
−7.0
−7.5
−6.0
−7.5
−7.5
0.5
−
−
0.5
−
−
0.5
−
−
6.0
8.5
9.5
6.0
7.0
7.5
6.0
7.5
7.5
mV
Input Offset Voltage Temperature Coefficient (RS = 50)
TA = Tlow to Thigh
DVIO / DT
−
8.0
−
mV/°C
Input Bias Current (VCC = 1.0 V to 5.0 V)
IIB
−
10
−
pA
Input Common Mode Voltage Range
VICR
−
VEE to VCC
−
V
Large Signal Voltage Gain
VCC = 0.45 V, VEE = −0.45 V
RL = 10 k
VCC = 1.5 V, VEE = −1.5 V
RL = 10 k
VCC = 2.5 V, VEE = −2.5 V
RL = 10 k
AVOL
−
−
10
40
40
40
−
−
−
kV/V
Output Voltage Swing, High State Output (VID = + 0.5 V)
TA = Tlow to Thigh
VCC = 0.45 V, VEE = −0.45 V
RL = 10 k
RL = 2.0 k
VCC = 1.5 V, VEE = −1.5 V
RL = 10 k
RL = 2.0 k
VCC = 2.5 V, VEE = −2.5 V
RL = 10 k
RL = 2.0 k
VOH
0.40
0.35
1.45
1.40
2.45
2.40
0.442
0.409
1.494
1.473
2.493
2.469
−
−
−
−
−
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com