Electronic Components Datasheet Search
  English  ▼

X  

AD8422ARZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD8422ARZ
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422ARZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8422ARZ Datasheet HTML 11Page - Analog Devices AD8422ARZ Datasheet HTML 12Page - Analog Devices AD8422ARZ Datasheet HTML 13Page - Analog Devices AD8422ARZ Datasheet HTML 14Page - Analog Devices AD8422ARZ Datasheet HTML 15Page - Analog Devices AD8422ARZ Datasheet HTML 16Page - Analog Devices AD8422ARZ Datasheet HTML 17Page - Analog Devices AD8422ARZ Datasheet HTML 18Page - Analog Devices AD8422ARZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
AD8422
Data Sheet
–50
–40
–30
–20
–10
0
10
20
30
40
50
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
REPRESENTATIVE SAMPLE
NORMALIZED AT 25°C
Figure 28. CMRR vs. Temperature (G = 1), Normalized at 25°C
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
Figure 29. Supply Current vs. Temperature (G = 1)
–30
–20
–10
0
10
20
30
40
50
60
70
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
ISHORT+
ISHORT–
Figure 30. Short-Circuit Current vs. Temperature (G = 1)
0
2
4
6
8
10
12
14
16
18
SUPPLY VOLTAGE (±VS)
+VS
–0.5
–1.0
–1.5
–VS
+0.5
+1.0
+1.5
–40°C
+25°C
+85°C
+105°C
+125°C
Figure 31. Input Voltage Limit vs. Supply Voltage
0
2
4
6
8
10
12
14
16
18
SUPPLY VOLTAGE (±VS)
+125°C
+85°C
+25°C
–40°C
+VS
–0.1
–0.2
–0.3
–VS
+0.1
+0.2
+0.3
RL = 10kΩ
Figure 32. Output Voltage Swing vs. Supply Voltage, RL = 10 kΩ
0
2
4
6
8
10
12
14
16
18
SUPPLY VOLTAGE (±VS)
+VS
–0.2
–0.4
–0.8
–0.6
–VS
+0.4
+0.2
+0.6
+0.8
+125°C
+85°C
+25°C
–40°C
RL = 2kΩ
Figure 33. Output Voltage Swing vs. Supply Voltage, RL = 2 kΩ
Rev. A | Page 14 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com