Electronic Components Datasheet Search
  English  ▼

X  

AD8422ARZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD8422ARZ
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422ARZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8422ARZ Datasheet HTML 17Page - Analog Devices AD8422ARZ Datasheet HTML 18Page - Analog Devices AD8422ARZ Datasheet HTML 19Page - Analog Devices AD8422ARZ Datasheet HTML 20Page - Analog Devices AD8422ARZ Datasheet HTML 21Page - Analog Devices AD8422ARZ Datasheet HTML 22Page - Analog Devices AD8422ARZ Datasheet HTML 23Page - Analog Devices AD8422ARZ Datasheet HTML 24Page - Analog Devices AD8422ARZ Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
AD8422
Data Sheet
Rev. A | Page 24 of 24
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
Figure 65. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions shown in millimeters and (inches)
COMPLIANT TO JEDEC STANDARDS MO-187-AA
6°
0°
0.80
0.55
0.40
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.09
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 66. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
AD8422ARZ
−40°C to +85°C
8-Lead SOIC_N, Standard Grade
R-8
AD8422ARZ-R7
−40°C to +85°C
8-Lead SOIC_N, Standard Grade, 7”Tape and Reel,
R-8
AD8422ARZ-RL
−40°C to +85°C
8-Lead SOIC_N, Standard Grade, 13”Tape and Reel
R-8
AD8422BRZ
−40°C to +85°C
8-Lead SOIC_N, High Performance Grade
R-8
AD8422BRZ-R7
−40°C to +85°C
8-Lead SOIC_N, High Performance Grade, 7”Tape and Reel
R-8
AD8422BRZ-RL
−40°C to +85°C
8-Lead SOIC_N, High Performance Grade, 13”Tape and Reel
R-8
AD8422ARMZ
−40°C to +85°C
8-Lead MSOP, Standard Grade
RM-8
Y4U
AD8422ARMZ-R7
−40°C to +85°C
8-Lead MSOP, Standard Grade, 7”Tape and Reel,
RM-8
Y4U
AD8422ARMZ-RL
−40°C to +85°C
8-Lead MSOP, Standard Grade, 13”Tape and Reel
RM-8
Y4U
AD8422BRMZ
−40°C to +85°C
8-Lead MSOP, High Performance Grade
RM-8
Y4V
AD8422BRMZ-R7
−40°C to +85°C
8-Lead MSOP, High Performance Grade, 7”Tape and Reel
RM-8
Y4V
AD8422BRMZ-RL
−40°C to +85°C
8-Lead MSOP, High Performance Grade, 13”Tape and Reel
RM-8
Y4V
1 Z = RoHS Compliant Part.
©2013–2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D11197-0-1/15(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com