Electronic Components Datasheet Search
  English  ▼

X  

AD9234 Datasheet(PDF) 63 Page - Analog Devices

Part # AD9234
Description  Dual Analog-to-Digital Converter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9234 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9234 Datasheet HTML 59Page - Analog Devices AD9234 Datasheet HTML 60Page - Analog Devices AD9234 Datasheet HTML 61Page - Analog Devices AD9234 Datasheet HTML 62Page - Analog Devices AD9234 Datasheet HTML 63Page - Analog Devices AD9234 Datasheet HTML 64Page - Analog Devices AD9234 Datasheet HTML 65Page - Analog Devices AD9234 Datasheet HTML 66Page - Analog Devices AD9234 Datasheet HTML 67Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 63 / 67 page
background image
AD9234
Data Sheet
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x572
JESD204B
Link Mode
Control 2
SYNCINB± pin control
00 = normal
10 = ignore SYNCINB±
(force CGS)
11 = ignore SYNCINB±
(force ILAS/user data)
SYNC-
INB± pin
invert
0 = active
low
1 = active
high
SYNCINB±
pin type
0 =
differential
1 = cmos
0
8B/10B
bypass
0 = normal
1 = bypass
8B/10B bit
invert
0 = normal
1 = invert
the a…j
symbols
0
0x00
0x573
JESD204B
Link Mode
Control 3
CHKSUM mode
00 = sum of all 8-bit
link config registers
01 = sum of individual
link config fields
10 = checksum set to
zero
Test injection point
00 = N΄ sample input
01 = 10-bit data at
8B/10B output (for
PHY testing)
10 = 8-bit data at
scrambler input
JESD204B test mode patterns
0000 = normal operation (test mode disabled)
0001 = alternating checker board
0010 = 1/0 word toggle
0011 = 31-bit PN sequence—X31 + X28 + 1
0100 = 23-bit PN sequence—X23 + X18 + 1
0101 = 15-bit PN sequence—X15 + X14 + 1
0110 = 9-bit PN sequence—X9 + X5 + 1
0111 = 7-bit PN sequence—X7 + X6 + 1
1000 = ramp output
1110 = continuous/repeat user test
1111 = single user test
0x00
0x574
JESD204B
Link Mode
Control 4
ILAS delay
0000 = transmit ILAS on first LMFC after
SYNCINB± deasserted
0001 = transmit ILAS on second LMFC after
SYNCINB± deasserted
…
1111 = transmit ILAS on 16th LMFC after
SYNCINB± deasserted
0
Link layer test mode
000 = normal operation (link layer test
mode disabled)
001 = continuous sequence of /D21.5/
characters
100 = modified RPAT test sequence
101 = JSPAT test sequence
110 = JTSPAT test sequence
0x00
0x578
JESD204B
LMFC offset
0
0
0
LMFC phase offset value, Bits[4:0]
0x00
0x580
JESD204B DID
config
JESD204B Tx DID value, Bits[7:0]
0x00
0x581
JESD204B BID
config
0
0
0
0
JESD204B Tx BID value, Bits[7:0]
0x00
0x583
JESD204B LID
Config 1
0
0
0
Lane 0 LID value, Bits[4:0]
0x00
0x584
JESD204B LID
Config 2
0
0
0
Lane 1 LID value, Bits[4:0]
0x01
0x585
JESD204B LID
Config 3
0
0
0
Lane 2 LID value, Bits[4:0]
0x01
0x586
JESD204B LID
Config 4
0
0
0
Lane 3 LID value, Bits[4:0]
0x03
0x58B
JESD204B
parameters
SCR/L
JESD204B
scrambling
(SCR)
0 =
disabled
1 =
enabled
0
0
0
0
0
JESD204B lanes (L)
00 = 1 lane
01 = 2 lanes
11 = 4 lanes
Read only, see
Register 0x570
0x8X
0x58C
JESD204B F
config
Number of octets per frame, F = Register 0x58C, Bits[7:0] + 1
0x88
Read only,
see
Reg. 0x570
0x58D
JESD204B K
config
0
0
0
Number of frames per multiframe, K = Register 0x58D, Bits[4:0] + 1
Only values where (F × K) mod 4 = 0 are supported
0x1F
See
Reg. 0x570
0x58E
JESD204B M
config
Number of converters per link, Bits[7:0]
0x00 = link connected to one virtual converter (M = 1)
0x01 = link connected to two virtual converters (M = 2)
0x03 = link connected to four virtual converters (M = 4)
0x07 = link connected to eight virtual converters (M = 8)
Read only
Rev. A | Page 62 of 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com