Electronic Components Datasheet Search
  English  ▼

X  

AD9234 Datasheet(PDF) 66 Page - Analog Devices

Part # AD9234
Description  Dual Analog-to-Digital Converter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9234 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9234 Datasheet HTML 59Page - Analog Devices AD9234 Datasheet HTML 60Page - Analog Devices AD9234 Datasheet HTML 61Page - Analog Devices AD9234 Datasheet HTML 62Page - Analog Devices AD9234 Datasheet HTML 63Page - Analog Devices AD9234 Datasheet HTML 64Page - Analog Devices AD9234 Datasheet HTML 65Page - Analog Devices AD9234 Datasheet HTML 66Page - Analog Devices AD9234 Datasheet HTML 67Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 66 / 67 page
background image
Data Sheet
AD9234
Rev. A | Page 65 of 66
APPLICATIONS INFORMATION
POWER SUPPLY RECOMMENDATIONS
The AD9234 must be powered by the following seven supplies:
AVDD1 = 1.25 V, AVDD2 = 2.5 V, AVDD3 = 3.3 V, AVDD1_SR =
1.25 V, DVDD = 1.25 V, DRVDD = 1.25 V, and SPIVDD = 1.8 V.
For applications requiring an optimal high power efficiency and
low noise performance, it is recommended that the ADP2164
and ADP2370 switching regulators be used to convert the 3.3 V,
5.0 V, or 12 V input rails to an intermediate rail (1.8 V and
3.8 V). These intermediate rails are then postregulated by very
low noise, low dropout (LDO) regulators (ADP1741, ADM7172,
and ADP125). Figure 106 shows the recommended power
supply scheme for AD9234.
Figure 106. High Efficiency, Low Noise Power Solution for the AD9234
It is not necessary to split all of these power domains in all
cases. The recommended solution shown in Figure 106 provides
the lowest noise, highest efficiency power delivery system for
the AD9234. If only one 1.25 V supply is available, route to
AVDD1 first and then tap it off and isolate it with a ferrite
bead or a filter choke, preceded by decoupling capacitors for
AVDD1_SR, SPIVDD, DVDD, and DRVDD, in that order. The
user can employ several different decoupling capacitors to cover
both high and low frequencies. These must be located close to
the point of entry at the PCB level and close to the devices, with
minimal trace lengths.
EXPOSED PAD THERMAL HEAT SLUG
RECOMMENDATIONS
It is required that the exposed pad on the underside of the
ADC be connected to ground to achieve the best electrical
and thermal performance of the AD9234. Connect an exposed
continuous copper plane on the PCB to the AD9234 exposed
pad, Pin 0. The copper plane must have several vias to achieve
the lowest possible resistive thermal path for heat dissipation to
flow through the bottom of the PCB. These vias must be solder
filled or plugged. The number of vias and the fill determine the
resultant θJA measured on the board. This is shown in Table 7.
To maximize the coverage and adhesion between the ADC and
PCB, partition the continuous copper plane by overlaying a
silkscreen on the PCB into several uniform sections. This
provides several tie points between the ADC and PCB during
the reflow process, whereas using one continuous plane with no
partitions only guarantees one tie point. See Figure 107 for a
PCB layout example. For detailed information on packaging
and the PCB layout of chip scale packages, see the AN-772
Application Note, A Design and Manufacturing Guide for the
Lead Frame Chip Scale Package (LFCSP).
Figure 107. Recommended PCB Layout of Exposed Pad for the AD9234
AVDD1_SR (PIN 57) AND AGND (PIN 56 AND PIN 60)
AVDD1_SR (Pin 57) and AGND (Pin 56 and Pin 60) can be
used to provide a separate power supply node to the SYSREF±
circuits of AD9234. If running in Subclass 1, the AD9234 can
support periodic one-shot or gapped signals. To minimize the
coupling of this supply into the AVDD1 supply node, adequate
supply bypassing is needed.
AVDD1
1.25V
AVDD1_SR
1.25V
DVDD
1.25V
SPIVDD
(1.8V OR 3.3V)
3.6V
3.3V
DRVDD
1.25V
1.8V
ADP1741
ADP125
AVDD3
3.3V
ADM7172
OR
ADP1741
AVDD2
2.5V
ADP1741



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com