Electronic Components Datasheet Search
  English  ▼

X  

EC3121 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC3121
Description  300mA 2CH Low Dropout Voltage Linear Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3121 Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC3121 Datasheet HTML 1Page - E-CMOS Corporation EC3121 Datasheet HTML 2Page - E-CMOS Corporation EC3121 Datasheet HTML 3Page - E-CMOS Corporation EC3121 Datasheet HTML 4Page - E-CMOS Corporation EC3121 Datasheet HTML 5Page - E-CMOS Corporation EC3121 Datasheet HTML 6Page - E-CMOS Corporation EC3121 Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 7
5D14N-Rev.F004
EC3121
300mA 2CH Low Dropout Voltage
Linear Regulators
Typical Application Circuit
Application Information
The EC3121 requires input and output decoupling capacitors. The device is specifically designed for portable
applications requiring minimum board space and smallest components. These capacitors must be correctly
selected for good performance (see Capacitor Characteristics Section). Please note that linear regulators with
a low dropout voltage have high internal loop gains which require care in guarding against oscillation
caused by insufficient decoupling capacitance.
Input Capacitor
An input capacitance of 1µF is required space between input pin and ground pin directly (the amount of
the capacitance may be increased without limit).The input capacitor must be located less than 1cm from the
device to assure input stability. A lower ESR capacitor allows the use of less capacitance, while higher ESR type
(like aluminum electrolytic)requires more capacitance.Capacitor types (aluminum, ceramic and tantalum) can be
mixed in parallel, but the total equivalent input capacitance ESR must be defined as above to stable operation.
There are no requirements for the ESR on the input capacitor, but tolerance and temperature coefficient must be
considered when selecting the capacitor to ensure the capacitance will be 1µF over the entire
operating temperature range.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com