Electronic Components Datasheet Search
  English  ▼

X  

EC3121 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC3121
Description  300mA 2CH Low Dropout Voltage Linear Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3121 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC3121 Datasheet HTML 1Page - E-CMOS Corporation EC3121 Datasheet HTML 2Page - E-CMOS Corporation EC3121 Datasheet HTML 3Page - E-CMOS Corporation EC3121 Datasheet HTML 4Page - E-CMOS Corporation EC3121 Datasheet HTML 5Page - E-CMOS Corporation EC3121 Datasheet HTML 6Page - E-CMOS Corporation EC3121 Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 7
5D14N-Rev.F004
EC3121
300mA 2CH Low Dropout Voltage
Linear Regulators
Electrical Characteristics (Unless otherwise noted , T
A=25°C)
Symbol
Parameters
Condition
Min
Typ
Max
Units
VIN
Input Voltage
2.5
5.5
V
△VOUT
Output Voltage
Accuracy
IOUT=1mA,VIN=5V
VOUT>2.0V
-2
2
%
IOUT=1mA,VIN=5V
VOUT≦2.0V
-0.04
0.04
V
ICC
Quiescent Current
IOUT1,OUT2=0mA,VIN=5V
60
100
uA
VDROP
Dropout
Voltage(Note 5)
IOUT=0.2A,VO=VO-2%,VOUT=1.5V
100
1200
mV
IOUT=0.2A,VO=VO-2%,VOUT=1.8V
700
900
mV
IOUT=0.2A,VO=VO-2%,VOUT>2.5V
300
400
mV
ISC
Short Circuit
Current
VOUT<1.0V,each channel
150
mA
△VLINE
Line Regulation
IOUT=1mA,VIN=VOUT+1V to 6.0V
0.2
0.3
%/V
△VLOAD
Load Regulation
IOUT=1~100mA,VIN=VOUT+1V
0.01
0.03
%/mA
PSRR
Ripple Rejection
f=10kHz, Ripple 0.5VP-P,
VOUT>1.7V,VIN-VOUT=1.0V
VOUT≦1.7V,VIN-VOUT=1.2V
IOUT=10mA
65
dB
△VOUT/△T
Output Voltage
Temperature
Coefficient
IOUT=1mA,-40℃≦TJ≦85℃
±100
ppm/℃
VENH
EN Input Voltage
“H”
1.2
V
VENL
EN Input Voltage
“L”
0.6
V
IEN
Enable Pull-high
Current
VEN1,2=0V
1
2
uA
ISD
Shutdown Current
IOUT1,2=0mA, VIN=5V,VEN1,2=0V
2
4
uA
eN
Output Noise
BW=10Hz to 100kHz,Co=1uF
100
uVrms
RLOW
On Resistance
for Auto-
Discharge
VEN=0V
60
Ω
Note 5: Dropout voltage is tested by reducing input voltage until the output drops 2% below its nominal value.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com