Electronic Components Datasheet Search
  English  ▼

X  

EC4215 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC4215
Description  Constant Current LED Driver with PWM Dimming
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4215 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC4215 Datasheet HTML 1Page - E-CMOS Corporation EC4215 Datasheet HTML 2Page - E-CMOS Corporation EC4215 Datasheet HTML 3Page - E-CMOS Corporation EC4215 Datasheet HTML 4Page - E-CMOS Corporation EC4215 Datasheet HTML 5Page - E-CMOS Corporation EC4215 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EC4215
Constant Current LED Driver with
PWM Dimming
E-CMOS Corp. (www.ecmos.com.tw)
3D08N Rev. F001
2/6
DFN-8L
REXT
VIN
Thermal
PAD
1
2
3
4
5
6
7
8 LED
VFF
DIM
GND
GND
GND
ABSOLUTE MAXIMUM RATINGS
VIN, LED Supply Voltage......................................... 550V
VFF, REXT, DIM Operation Voltage................................ 6V
Operating Tempera
ture………………… -40°C to +125°C
Storage Temperature
…………………… -55°C to +150°C
Maximum Die Temperature
………………………. +150°C
Lead Te
mperature……………………………….… +260°C
ESD HBM Voltage HV Pin
…………………….....… 1.2kV
ESD HBM Voltage LV Pin
……………………......… 3.5kV
ESD M
M Voltage……………………………….…..… 250V
PIN CONFIGURATION
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. Continuous operation of the device at the absolute rating
level may affect device reliability.
Ordering Information
Part No.
Package Type
Marking Information
Remark
EC42151NNF2R
DFN-8L
EC4215
LLLLL
YYWWT
YYWW :Date Code
LLLLL:Lot No
T:internal tracking code
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristic
VIN
Operation Voltage
25
500
V
ILED
Current Regulation (Note 1)
VIN=25Vdc, REXT=15Ω
38
40
42
mA
VIN=25Vdc, REXT=30Ω
19
20
21
mA
ILED(MAX)
Maximum Current Regulation
VDROP≧16V (Note 2)
120
mA
IQ
Quiescent Current
VIN=25Vdc, REXT=Open
150
µA
VREF
Reference Voltage (Note 3)
0.6
V
VDROP(MAX)
Maximum Dropout Voltage (Note 4)
VIN= 265Vac, REXT=30Ω, VLED=220V
170
V
VDIM-H
DIM PIN High Threshold
VDIM Rising
1.4
V
VDIM-L
DIM PIN Low Threshold
VDIM Falling
0.4
V
Thermal Characteristic
△VREF(T)
VREF Temperature Coefficient
TA=-40°C ~125°C
0.01
%/℃
TA
Operating Temperature
-40
125
℃
PD
Total Power Dissipation (Operation)
1
W
RΘJA
Thermal Resistance
DFN-8L Package
33.2
℃/W
Protection
OCP
Over Current Protection
180
mA
OTP
Over Temperature Protection
150
℃
TFP
Thermal Foldback Protection
100
℃
Note:
1. ILED=0.6/REXT, VFF=0V, DIM=0V, LED=25V
2. VDROP=VIN-VLED, PD<1W (No heat sink)
3. VREF=V(REXT), VFF=0V, DIM=0V
4. The current regulation is for an instantaneous AC line input current only, not to exceed thermal characteristics of package.
TOP View
Fig. 2
Detailed
Bloam



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com