Electronic Components Datasheet Search
  English  ▼

X  

EC4215 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC4215
Description  Constant Current LED Driver with PWM Dimming
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4215 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC4215 Datasheet HTML 1Page - E-CMOS Corporation EC4215 Datasheet HTML 2Page - E-CMOS Corporation EC4215 Datasheet HTML 3Page - E-CMOS Corporation EC4215 Datasheet HTML 4Page - E-CMOS Corporation EC4215 Datasheet HTML 5Page - E-CMOS Corporation EC4215 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
EC4215
3D08N Rev. F001
Constant Current LED Driver with
PWM Dimming
3/6
Control
Circuits
LED
GND
VFF
REXT
Protection
Circuits
DIM
VIN
FUNCTION DIAGRAM
PIN DESCRIPTIONS
PIN
Symbol
Description
1
VFF
Input voltage sensing through a voltage divider for constant output power regulation.
2
VIN
Input supply voltage.
3
DIM
Connect a logic level PWM signal for adjustable brightness of LED strings.
4
REXT
An external resistor sets different current regulation for LED strings between REXT and GND pin.
5
GND
Ground.
6
GND
Ground.
7
GND
Ground.
8
LED
The LED strings are connected from input supply voltage to this pin.
Fig. 2 Detailed Bloam



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com