Electronic Components Datasheet Search
  English  ▼

X  

P89LPC933 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # P89LPC933
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button P89LPC933 Datasheet HTML 47Page - NXP Semiconductors P89LPC933 Datasheet HTML 48Page - NXP Semiconductors P89LPC933 Datasheet HTML 49Page - NXP Semiconductors P89LPC933 Datasheet HTML 50Page - NXP Semiconductors P89LPC933 Datasheet HTML 51Page - NXP Semiconductors P89LPC933 Datasheet HTML 52Page - NXP Semiconductors P89LPC933 Datasheet HTML 53Page - NXP Semiconductors P89LPC933 Datasheet HTML 54Page - NXP Semiconductors P89LPC933 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
51 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
In addition, IAP operations can be accomplished through the use of four SFRs consisting
of a control/status register, a data register, and two address registers. Additional details
may be found in the
P89LPC933/934/935/936 User manual.
8.28.8 In-system programming
ISP is performed without removing the microcontroller from the system. The ISP facility
consists of a series of internal hardware resources coupled with internal firmware to
facilitate remote programming of the P89LPC933/934/935/936 through the serial port.
This firmware is provided by Philips and embedded within each P89LPC933/934/935/936
device. The Philips ISP facility has made ISP in an embedded application possible with a
minimum of additional expense in components and circuit board area. The ISP function
uses five pins (VDD, VSS, TXD, RXD, and RST). Only a small connector needs to be
available to interface your application to an external circuit in order to use this feature.
8.28.9 Power-on reset code execution
The P89LPC933/934/935/936 contains two special flash elements: the boot vector and
the boot status bit. Following reset, the P89LPC933/934/935/936 examines the contents
of the boot status bit. If the boot status bit is set to zero, power-up execution starts at
location 0000H, which is the normal start address of the user’s application code. When
the boot status bit is set to a value other than zero, the contents of the boot vector are
used as the high byte of the execution address and the low byte is set to 00H.
Table 9 shows the factory default boot vector settings for these devices.
Remark: These settings are different than the original P89LPC932. Tools designed to
support the P89LPC933/934/935/936 should be used to program this device, such as
Flash Magic version 1.98, or later.
A factory-provided boot loader is preprogrammed into the address space indicated and
uses the indicated boot loader entry point to perform ISP functions. This code can be
erased by the user.
Remark: Users who wish to use this loader should take precautions to avoid erasing the
sector that contains this boot loader. Instead, the page erase function can be used to
erase the pages located in this sector which are not used by the boot loader.
A custom boot loader can be written with the boot vector set to the custom boot loader, if
desired.
Table 9:
Default boot vector values and ISP entry points
Device
Default
boot vector
Default
boot loader
entry point
Default boot loader
code range
Boot sector
range
P89LPC933
0FH
0F00H
0E00H to 0FFFH
0C00H to 0FFFH
P89LPC934
1FH
1F00H
1E00H to 1FFFH
1C00H to 1FFFH
P89LPC935
1FH
1F00H
1E00H to 1FFFH
1C00H to 1FFFH
P89LPC936
3FH
3F00H
3E00H to 3FFFH
3C00H to 3FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com