Electronic Components Datasheet Search
  English  ▼

X  

P89LPC933 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # P89LPC933
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button P89LPC933 Datasheet HTML 64Page - NXP Semiconductors P89LPC933 Datasheet HTML 65Page - NXP Semiconductors P89LPC933 Datasheet HTML 66Page - NXP Semiconductors P89LPC933 Datasheet HTML 67Page - NXP Semiconductors P89LPC933 Datasheet HTML 68Page - NXP Semiconductors P89LPC933 Datasheet HTML 69Page - NXP Semiconductors P89LPC933 Datasheet HTML 70Page - NXP Semiconductors P89LPC933 Datasheet HTML 71Page - NXP Semiconductors P89LPC933 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
68 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
14. Package outline
Fig 32. Package outline SOT261-2 (PLCC28)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
Note
1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
SOT261-2
112E08
MS-018
EDR-7319
19
25
28
1
4
511
18
12
26
detail X
(A )
3
bp
w M
A1
A
A4
L p
b1
β
k
X
y
e
E
B
D
H
E
H
v M B
D
Z D
A
Z E
e
v M A
0
5
10 mm
scale
99-12-27
01-11-15
pin 1 index
PLCC28: plastic leaded chip carrier; 28 leads
SOT261-2
UNIT
β
mm
4.57
4.19
0.51
3.05
0.53
0.33
0.021
0.013
1.27
2.16
45
o
0.18
0.1
0.18
DIMENSIONS (mm dimensions are derived from the original inch dimensions)
11.58
11.43
12.57
12.32
2.16
0.81
0.66
1.22
1.07
0.180
0.165
0.02
0.12
0.25
0.01
0.05
0.085
0.007 0.004
0.007
1.44
1.02
0.057
0.040
0.456
0.450
11.58
11.43
0.456
0.450
0.495
0.485
12.57
12.32
0.495
0.485
10.92
9.91
0.43
0.39
10.92
9.91
0.43
0.39
0.085
0.032
0.026
0.048
0.042
E
e
inches
D
e
A
A1
min.
A4
max.
bp
ey
w
v
D(1)
E(1)
HD
HE
ZD
(1)
max.
ZE
(1)
max.
b1
k
A3
Lp
eD
eE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com