Electronic Components Datasheet Search
  English  ▼

X  

PB4350 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PB4350
Description  50 V low VCEsat NPN transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PB4350 Datasheet(HTML) 5 Page - NXP Semiconductors

  PB4350 Datasheet HTML 1Page - NXP Semiconductors PB4350 Datasheet HTML 2Page - NXP Semiconductors PB4350 Datasheet HTML 3Page - NXP Semiconductors PB4350 Datasheet HTML 4Page - NXP Semiconductors PB4350 Datasheet HTML 5Page - NXP Semiconductors PB4350 Datasheet HTML 6Page - NXP Semiconductors PB4350 Datasheet HTML 7Page - NXP Semiconductors PB4350 Datasheet HTML 8Page - NXP Semiconductors PB4350 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2003 May 13
5
Philips Semiconductors
Product specification
50 V low VCEsat NPN transistor
PBSS4350Z
handbook, halfpage
0
hFE
IC (mA)
600
100
200
300
500
400
MGW175
10−1
110
102
103
104
(1)
(2)
(3)
Fig.2
DC current gain as a function of collector
current; typical values.
VCE =2V.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
0
0.2
IC (mA)
VBE
(V)
1.2
0.4
0.8
0.6
1.0
MGW176
10−1
110
102
103
104
(1)
(2)
(3)
Fig.3
Base-emitter voltage as a function of
collector-current; typical values.
VCE =2V.
(1) Tamb = −55 °C.
(2) Tamb =25C.
(3) Tamb = 150 °C.
handbook, halfpage
IC (mA)
103
102
10
1
MGW181
10−1
110
102
103
104
VCEsat
(mV)
(1)
(2)
(3)
Fig.4
Collector-emitter saturation as a function of
collector current; typical values.
IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
IC (mA)
1.2
0.6
0.4
0.2
0
0.8
1.0
MGW178
10−1
110
102
103
104
VBEsat
(V)
(1)
(2)
(3)
Fig.5
Base-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com