Electronic Components Datasheet Search
  English  ▼

X  

PB4350 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PB4350
Description  50 V low VCEsat NPN transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PB4350 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PB4350 Datasheet HTML 2Page - NXP Semiconductors PB4350 Datasheet HTML 3Page - NXP Semiconductors PB4350 Datasheet HTML 4Page - NXP Semiconductors PB4350 Datasheet HTML 5Page - NXP Semiconductors PB4350 Datasheet HTML 6Page - NXP Semiconductors PB4350 Datasheet HTML 7Page - NXP Semiconductors PB4350 Datasheet HTML 8Page - NXP Semiconductors PB4350 Datasheet HTML 9Page - NXP Semiconductors PB4350 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2003 May 13
6
Philips Semiconductors
Product specification
50 V low VCEsat NPN transistor
PBSS4350Z
handbook, halfpage
0
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
2
1200
1000
0
200
400
600
800
0.4
0.8
1.2
1.6
MGW179
VCE (V)
IC
(mA)
Fig.6
Collector current as a function of
collector-emitter voltage; typical values.
(1) IB = 3.96 mA.
(2) IB = 3.63 mA.
(3) IB = 3.30 mA.
(4) IB = 2.97 mA.
(5) IB = 2.64 mA.
(6) IB = 2.31 mA.
(7) IB = 1.98 mA.
(8) IB = 1.65 mA.
(9) IB = 1.32 mA.
(10) IB = 0.99 mA.
(11) IB = 0.66 mA.
(12) IB = 0.33 mA.
VCE =5V.
handbook, halfpage
0
(4)
(3)
(2)
(5)
(6)
(7)
(8)
(9)
(10)
2
5
0
1
2
3
4
0.4
0.8
1.2
1.6
MGW180
VCE (V)
IC
(A)
(1)
Fig.7
Collector current as a function of
collector-emitter voltage; typical values.
VCE =5V.
(1) IB = 150 mA.
(2) IB = 135 mA.
(3) IB = 120 mA.
(4) IB = 105 mA.
(5) IB =90mA.
(6) IB =75mA.
(7) IB =60mA.
(8) IB =45mA.
(9) IB =30mA.
(10) IB =15mA.
handbook, halfpage
IC (mA)
103
102
10−1
10−2
10
1
MGW182
10−1
110
102
103
104
RCEsat
(
Ω)
(1)
(2)
(3)
Fig.8
Collector-emitter equivalent on-resistance
as a function of collector current; typical
values.
IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com