Electronic Components Datasheet Search
  English  ▼

X  

EC4304 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC4304
Description  1A, Hysteretic, High Brightness LED Driver with Internal Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4304 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC4304 Datasheet HTML 1Page - E-CMOS Corporation EC4304 Datasheet HTML 2Page - E-CMOS Corporation EC4304 Datasheet HTML 3Page - E-CMOS Corporation EC4304 Datasheet HTML 4Page - E-CMOS Corporation EC4304 Datasheet HTML 5Page - E-CMOS Corporation EC4304 Datasheet HTML 6Page - E-CMOS Corporation EC4304 Datasheet HTML 7Page - E-CMOS Corporation EC4304 Datasheet HTML 8Page - E-CMOS Corporation EC4304 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
EC4304
1A, Hysteretic, High Brightness
LED Driver with Internal Switch
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 13
4B25N-Rev.F005
Pin Configuration
Typical Application
Pin Name
Pin Function
LX
Drain of NDMOS Switch.
GND
Ground for the IC. All voltages levels are measured with respect to this pin.
ADJ
Multi-Function ON/OFF and Brightness Control Pin:
-Analog signal input for analog control of PWM dimming.
-PWM signal input for digital PWM dimming.
ISENSE
Current Sense Pin: Sense LED String Current.
VIN
Power supply input pin. Connect a nominal (7V~40V) power supply to this pin. The
power- on-reset (POR) function monitors the input voltage by this pin. It is recommended
that a decoupling capacitor (4.7µF or Higher X7R Ceramic capacitor) be connected to the
GND for noise decoupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com