Electronic Components Datasheet Search
  English  ▼

X  

EC4304 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC4304
Description  1A, Hysteretic, High Brightness LED Driver with Internal Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4304 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC4304 Datasheet HTML 1Page - E-CMOS Corporation EC4304 Datasheet HTML 2Page - E-CMOS Corporation EC4304 Datasheet HTML 3Page - E-CMOS Corporation EC4304 Datasheet HTML 4Page - E-CMOS Corporation EC4304 Datasheet HTML 5Page - E-CMOS Corporation EC4304 Datasheet HTML 6Page - E-CMOS Corporation EC4304 Datasheet HTML 7Page - E-CMOS Corporation EC4304 Datasheet HTML 8Page - E-CMOS Corporation EC4304 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
EC4304
1A, Hysteretic, High Brightness
LED Driver with Internal Switch
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 13
4B25N-Rev.F005
Functional Description
The EC4304 is a simple high-efficiency, continuous mode inductive step-down converter. The device operates with an
input voltage range from 7V to 40V and delivers output current 1A. A high- side current-sense resistor sets the output
current and a dedicated PWM dimming input enables pulsed LED dimming over a wide range of brightness levels. A high-
side current-sensing scheme and an on-board current- setting circuitry minimize the number of external components which
is required while delivering LED current with +5% accuracy, using a 1% sense resistor.
Adjusting Output Current
The device contains a low pass filter between the ADJ pin and the threshold comparator and an internal current limiting
resistor between ADJ and the internal reference voltage. This allows the ADJ pin to be overdriven with either DC or pulse
signals to change the VSENSE switching threshold and adjust the output current. Details of the different modes of
adjusting output current are given in the applications section by:
The value of the output current is 1A at 0.1
(0.5A at 0.2 ) and this is a calculated output current when the ADJ terminal is
1.25V floating.
Shutdown Mode
Taking the ADJ pin to a voltage below 0.2V for more than approximately 100µs will turn off the output, and supply current
will fall to a low standby level of 20µA nominal.
Soft-Start
The device has inbuilt soft-start action due to the delay through the PWM filter. An external capacitor from the ADJ pin to
ground will provide additional soft-start delay, by increasing the time taken for the voltage on this pin to rise to the turn-on
threshold and by slowing down the rate of rise of the control voltage at the input of the comparator.
With no external capacitor, the time taken for the output to reach 90% of its final value is approximately 500µs. Adding
capacitance increases this delay by approximately 0.5ms/ nF.
Inherent open-circuit LED protection
If the connection to the LED(s) is open-circuited, the coil is isolated from the LX pin of the chip, so the chip will not be
damaged. Unlike in many boost converters, where the back EMF may damage the internal switch by forcing the drain
above its breakdown voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com