Electronic Components Datasheet Search
  English  ▼

X  

EC4304B Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC4304B
Description  PWM Control 1.2A Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4304B Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC4304B Datasheet HTML 1Page - E-CMOS Corporation EC4304B Datasheet HTML 2Page - E-CMOS Corporation EC4304B Datasheet HTML 3Page - E-CMOS Corporation EC4304B Datasheet HTML 4Page - E-CMOS Corporation EC4304B Datasheet HTML 5Page - E-CMOS Corporation EC4304B Datasheet HTML 6Page - E-CMOS Corporation EC4304B Datasheet HTML 7Page - E-CMOS Corporation EC4304B Datasheet HTML 8Page - E-CMOS Corporation EC4304B Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PWM Control 1.2A Step-Down Converter
EC4304B
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 11
2011/10/06
PIN DESCRIPTION
SYMBO
L
SOT-23
SOT-89
DESCRIPTION
LX
1
1
Drain of NDMOS switch
GND
2
2
Ground
ADJ
3
3
Multi-function On/Off and brightness control pin:
• Leave floating for normal operation.(VADJ = VREF = 1.25V giving
nominal average output current IOUTnom = 0.1/RS)
• Drive with DC voltage (0V < VADJ < 2.5V) to adjust output current
from 0% to 200% of IOUTnom
• Drive with PWM signal from open-collector or open-drain transistor, to
adjust output current. Adjustment range 0% to 100% of IOUTnom for
f >10kHz and 0% to 100% of IOUTnom for f < 500Hz
ISENS
E
4
4
Connect resistor RS from this pin to VIN to define nominal average output
current IOUTnom = 0.1/RS
VIN
5
5
Input voltage (7V to 30V). Decouple to ground with 10uF or higher
X7R ceramic capacitor close to device
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on intput pin relative to GND
VIN
-0.3 to +36
V
ISENSE pin Voltage
-5 to +0.3
V
ADJ and EN pin Voltage
-0.3 to +6
V
Operating Temperature Rang
TA
-40 to +125
C
Maximum Soldering Temperature (at leads, 10 sec)
TLEAD
300
C
Storage Temperature Rang
TS
-65 to +150
C
Power Dissipation, PD @ TA = 25°C
SOT-23
0.35
W
SOT-89
0.5
Package Thermal Resistance, θJA
SOT-23
250
°C/W
SOT-89
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com