Electronic Components Datasheet Search
  English  ▼

X  

EC4304B Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC4304B
Description  PWM Control 1.2A Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4304B Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC4304B Datasheet HTML 1Page - E-CMOS Corporation EC4304B Datasheet HTML 2Page - E-CMOS Corporation EC4304B Datasheet HTML 3Page - E-CMOS Corporation EC4304B Datasheet HTML 4Page - E-CMOS Corporation EC4304B Datasheet HTML 5Page - E-CMOS Corporation EC4304B Datasheet HTML 6Page - E-CMOS Corporation EC4304B Datasheet HTML 7Page - E-CMOS Corporation EC4304B Datasheet HTML 8Page - E-CMOS Corporation EC4304B Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PWM Control 1.2A Step-Down Converter
EC4304B
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 11
2011/10/06
Notes :
*100% brightness corresponds to VADJ = VADJ(nom) = VREF. Driving the ADJ pin above VREF will increase the
VSENSE. threshold and output current proportionally.
**Parameters are not tested at production. Parameters are guaranteed by design, characterization and
process control.
Block Diagram
V C C
V I N
R S
D 1
L E D
L 1
L X
C 1
4 . 7 u F
V r e f .
M N
R 1
B u f f e r
R 4
A D J
-
+
-
+
D r i v e r
E N
V o l t a g e
r e g u l a t o r
I n t e r n a l
R 2
V D D
B a n d
g a p
O v e r
T e m p .
R 3
G N D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com