Electronic Components Datasheet Search
  English  ▼

X  

PC9L-60 Datasheet(PDF) 1 Page - Picker Components

Part # PC9L-60
Description  60 Amp Latching PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC9L-60 Datasheet(HTML) 1 Page - Picker Components

  PC9L-60 Datasheet HTML 1Page - Picker Components PC9L-60 Datasheet HTML 2Page - Picker Components PC9L-60 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC9L–60 7/06/2016
1 of 3
60 Amp Latching PCB Relay
PC9L-60
CONTACT DATA
Maximum Switching Power
15,000 VA
Maximum Switching Voltage
250 VAC
Maximum Switching Current
60 A
Material
AgSnO2
Contact Resistance
≤ 2.0 mΩ Initial
Pulse Duration
60 ms
Action Time
≤ 20 ms
Service Life
Mechanical
5 X 105 Operations
Electrical
1 X 104 Operations
FEATURES
 Latching Relay
 60 Amp Switching Capacity
 Low Coil Consumption
 Ultra–Low Temperature Rise
 Low Contact Resistance
 Strong Anti-Shock and Anti-Vibration Capability
Customized Terminals Available:
Shunts, Braided Copper Wire, Brass Terminal, etc.
 1,200 Amp Overload Current Carrying Capacity
RoHS Compliant
CHARACTERISTICS
Operate Time
≤ 20 ms
Release Time
≤ 20 ms
Insulation Resistance
1,000 MΩ min at 500 VDC
Dielectric Strength
4,000 V 1 min.
Between Coil and Contact
1,500 V 1 min. Between Contacts
Shock Resistance
100 m/s2 (10 g) Functional
1,000 m/s2 (100 g) Destructive
Vibration Resistance
10 - 55 Hz Double Amplitude 1.5 mm
Relative Humidity
98% at 40°C
Power Consumption
Single Coil 1.0 W; Double Coil 2 X 2.0 W
CONTACT RATING
Load Type
Voltage
1 Form A & 1 Form B
General Purpose
250 VAC
60 A
ORDERING INFORMATION
Example:
PC9L-60
-1A
-12
D
-???
Model: PC9L-60
Contact Form*: 1A, 1B
Coil Voltage**: 9, 12, 24, 48
Enclosure: Nil: Dust Cover
Coil: Nil: Single Coil 1 W: D: Double Coil 2 x 2 W
RoHS Compliant: Nil: RoHS Compliant
Configuration Information: ???: Custom per Customer Specifications
* 1B Signifies the relay is in the Reset Status
** Other Coil Voltages Available
Box Quantity for Standard Output Pins: ?? ; Inner Box ?
CHARACTERISTICS Continued
Operating Temperature - 40 to 70°C
Storage Temperature
- 40 to 125
°C
Weight
38 g


Similar Part No. - PC9L-60

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC900 SHARP-PC900 Datasheet
732Kb / 16P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900 SHARP-PC900 Datasheet
752Kb / 15P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900V SHARP-PC900V Datasheet
732Kb / 16P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900V SHARP-PC900V Datasheet
61Kb / 4P
Digital Output Type OPIC Photocoupler
PC900V0NIPX SHARP-PC900V0NIPX Datasheet
264Kb / 16P
Digital Output, Normal OFF Operation DIP 6 pin ?뾑PIC Photocoupler
More results

Similar Description - PC9L-60

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2500 AZETTLER-AZ2500 Datasheet
192Kb / 3P
60 AMP LATCHING POWER RELAY
logo
Picker Components
PC10 PICKER-PC10 Datasheet
522Kb / 3P
50 Amp Latching PCB Relay
PC12 PICKER-PC12 Datasheet
549Kb / 2P
80 Amp PCB Latching Relay
PC10L-50 PICKER-PC10L-50 Datasheet
459Kb / 2P
50 Amp Latching PCB Relay
PC10L-60 PICKER-PC10L-60 Datasheet
458Kb / 2P
60 Amp Latching PCB Relay
PC10L-80 PICKER-PC10L-80 Datasheet
457Kb / 2P
80 Amp PCB Latching Relay
PC25L-200 PICKER-PC25L-200 Datasheet
426Kb / 2P
200 Amp Latching PCB Relay
PCT90EL PICKER-PCT90EL Datasheet
544Kb / 3P
30, 40 or 50 Amp Latching PCB Relay
logo
American Zettler, Inc.
AZ2501L AZETTLER-AZ2501L Datasheet
305Kb / 3P
60 AMP LATCHING POWER RELAY
logo
Picker Components
PCT90CL PICKER-PCT90CL_17 Datasheet
611Kb / 3P
30, 40 or 50 Amp Latching PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com