Electronic Components Datasheet Search
  English  ▼

X  

PC9L-60 Datasheet(PDF) 2 Page - Picker Components

Part # PC9L-60
Description  60 Amp Latching PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC9L-60 Datasheet(HTML) 2 Page - Picker Components

  PC9L-60 Datasheet HTML 1Page - Picker Components PC9L-60 Datasheet HTML 2Page - Picker Components PC9L-60 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC9L–60 7/06/2016
2 of 3
PC9L-60
PC9L-60
COIL DATA
Coil Voltage
Coil Resistance
Must Operate
Voltage Max
(VDC)
(Ohms ± 10%)
Rated
Maximum
Single Coil 1.0 Watts Dual Coil 2 x 2.0 Watts
9
13.5
81
2 x 40.5
6.8
12
18.0
144
2 x 72
9.0
24
36.0
576
2 x 288
18.0
48
72.0
2,304
2 x 1,152
36.0
Custom Coil Voltages available upon request.
NOTES:
With the Dual Coil Version, the Latch and Reset Coils should not be pulsed at the same time for it is possible to set the relay into a magnetically neutral
position.
Coils should not be pulsed with less than the rated coil voltage and the pulse width should be a minimum of three times the specified operate time. If not,
it is possible for the relay to settle in a magnetically neutral position.
PC9L-60 Relay is not Sealed and Water Washing is not Recommended
Soldering via Wave Solder at 250° C for a Maximum of 2 seconds, Rjflow soldering is not recommended
DIMENSIONS Inches (mm)
Terminal Layout
Relay Dimensions
PCB Layout
Single Coil
Dual Coil



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com