Electronic Components Datasheet Search
  English  ▼

X  

PC236 Datasheet(PDF) 1 Page - Picker Components

Part # PC236
Description  10 Amp & 20 Amp Subminiature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC236 Datasheet(HTML) 1 Page - Picker Components

  PC236_17 Datasheet HTML 1Page - Picker Components PC236_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC236 Rev F 6/21/2016
1 of 2
FEATURES
 Subminiature Design
 10 Amps at 120 VAC, 20 Amps at 14 VDC
 1/2 HP at 125 VAC
 TV-5 Rating
 Designed for Automotive and Power Applications
 RoHS Compliant
ORDERING INFORMATION
Example:
PC236
-1C
-12
S
O.8
F
-X
Model: PC236
Contact Form: 1A, 1C, 1U
Coil Voltage: 6, 9, 12, 24
Contact Material: Nil: AgSnO2; Cd: AgCdO
Enclosure: S: Sealed; C: Dust Cover
Coil Power: Nil: 0.6 W; 0.8: 0.8 W
Insulation System: Nil: Class B (125°C); F: Class F(155°C)
RoHS Compliant: -X
Box Quantity 2000: Inner Box 1000
CONTACT DATA
Max. Switching Power
280W 1,250 VA
Max. Switching Voltage
42 VDC 380 VAC
Max. Swirching Current
30 Amps
Material
AgSnO2, AgCdO
Initial Contact Resistance
50 mΩ Max
Service Life
Electrical
1 x 105 Operations
Mechanical
1 x 107 Operations
10 Amp & 20 Amp Subminiature PCB Power Relay
PC236
Contact Form
1 Form A
1 Form C
NO
NO
NC
Max Switching Current
Make 90 A
Make 60 A
Make 45 A
Break 30 A
Break 20 A
Break 15 A
Max Continuous Current
30 A @ 25° C 20 A @ 25° C 15 A @ 25° C
22.5 A @ 85° C 15 A @ 85° C 11.3 A@ 85° C
Max Continuous Current
1 Form U
2 X 10 Amps
Max. Switching Power
420 W 1,250 VA
Max. Switching Voltage
42 VDC 380 VAC
Minimum Load
0.1 A @ 12 VDC
CONTACT RATINGS 14 VDC at 25oC
Contact Form
1 Form A
1 Form C
NO
NO
NC
Max Switching Current
Make 45 A
Make 30 A
Make 22.5 A
Break 15A
Break 10 A
Break 7.5 A
Max Continuous Current
15A @ 25° C
10 A @ 25° C 7.5 A @ 25° C
11.3 A @ 85° C 7.5 A @ 85° C 5.6 A@ 85° C
Max Continuous Current
1 Form U
2 X 5 Amps
Max. Switching Power
420 W 1,250 VA
Max. Switching Voltage
42 VDC 380 VAC
Minimum Load
0.1 A @ 12 VDC
CONTACT RATINGS 28 VDC at 25oC
E93379
Contact Form
1 Form C
NO
NC
Contact Rating
Resistive Load
20 A @ 14 VDC
10 A @ 14 VDC
10 A @ 120 VAC
————
Motor Load
1/2 HP 125 VAC
TV Rating (25K Cycles)
TV-5 (50 A Inrush Current a 120 VAC)
Minimum Load
0.1 A @ 12 VDC
****** FOR AUTOMOTIVE APPLICATIONS******


Similar Part No. - PC236_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC236-1A-12-C-0.8-F-X PICKER-PC236-1A-12-C-0.8-F-X Datasheet
542Kb / 2P
10 Amp & 20 Amp Subminiature PCB Power Relay
PC236-1A-12-C-0.8-NIL-X PICKER-PC236-1A-12-C-0.8-NIL-X Datasheet
542Kb / 2P
10 Amp & 20 Amp Subminiature PCB Power Relay
PC236-1A-12-C-NIL-F-X PICKER-PC236-1A-12-C-NIL-F-X Datasheet
542Kb / 2P
10 Amp & 20 Amp Subminiature PCB Power Relay
PC236-1A-12-C-NIL-NIL-X PICKER-PC236-1A-12-C-NIL-NIL-X Datasheet
542Kb / 2P
10 Amp & 20 Amp Subminiature PCB Power Relay
PC236-1A-12-S-0.8-F-X PICKER-PC236-1A-12-S-0.8-F-X Datasheet
542Kb / 2P
10 Amp & 20 Amp Subminiature PCB Power Relay
More results

Similar Description - PC236_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC236 PICKER-PC236 Datasheet
174Kb / 2P
Subminiature 10 Amp PCB Power Relay
PC236 PICKER-PC236_14 Datasheet
200Kb / 2P
Subminiature 10 Amp and 20 Amp PCB Power Relay
PC521 PICKER-PC521 Datasheet
203Kb / 2P
20 Amp Subminiature PCB Power Relay
PC236 PICKER-PC236_15 Datasheet
542Kb / 2P
10 Amp & 20 Amp Subminiature PCB Power Relay
PC415 PICKER-PC415_15 Datasheet
523Kb / 2P
10 Amp Subminiature PCB Power Relay
PC520 PICKER-PC520_15 Datasheet
855Kb / 2P
20 Amp Subminiature PCB Power Relay
PC415 PICKER-PC415_17 Datasheet
457Kb / 2P
10 Amp Subminiature PCB Power Relay
PC520 PICKER-PC520_17 Datasheet
855Kb / 2P
20 Amp Subminiature PCB Power Relay
PC521 PICKER-PC521_17 Datasheet
507Kb / 2P
20 Amp Subminiature PCB Power Relay
PC835 PICKER-PC835_17 Datasheet
866Kb / 2P
10 Amp Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com