Electronic Components Datasheet Search
  English  ▼

X  

PC236 Datasheet(PDF) 2 Page - Picker Components

Part # PC236
Description  10 Amp & 20 Amp Subminiature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC236 Datasheet(HTML) 2 Page - Picker Components

  PC236_17 Datasheet HTML 1Page - Picker Components PC236_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC236 Rev F 6/21/2016
2 of 2
PC236
PC236
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays. Must Operate Voltage is listed for test purposes only and is
not to be used as design criteria. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
Dimensions are in mm, Inches are listed for reference only.
CHARACTERISTIC CURVES
COIL DATA
Coil Voltage
(VDC)
Coil Power
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Resistance ohms ± 10%
Rated
Max
600 mW (Standard)
800 mW (Large Gap)
6
6.6
60
45
4.5
0.30
9
9.9
135
100
7.2
0.45
12
13.2
240
180
9.6
0.60
24
26.4
960
720
19.2
1.20
CHARACTERISTICS
Operate Time
10 ms Max.
Release Time
5 ms Max.
Insulation Resistance
100 MΩ Min at 500VDC
50Hz 500 V Between Contacts
Dielectric Strength
50Hz 500 V Between Contact and Coil
Terminal Strength
10 N
Power Consumption
0.6 W, 0.8 W
Shock Resistance
100 m/s2 11ms
Vibration Resistance
10 Hz - 55 Hz Double Amplitude 1.5
Solderability
235°C ± 2°C 3 s ± 0.5 s
Operating Temperature Range
- 40 to 85
° C
Storage Temperature Range
- 40 to 100
° C
Relative Humidity
85% at 20° C
Weight
6 grams
CHARACTERISTICS CONTINUED



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com