Electronic Components Datasheet Search
  English  ▼

X  

PC302S Datasheet(PDF) 2 Page - Picker Components

Part # PC302S
Description  Microminiature 1 Amp Signal Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC302S Datasheet(HTML) 2 Page - Picker Components

  PC302S_17 Datasheet HTML 1Page - Picker Components PC302S_17 Datasheet HTML 2Page - Picker Components PC302S_17 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC302S Rev G 8/14/2017
2 of 3
PC302S
PC302S
COIL DATA
Type
Coil Voltage
(VDC)
Coil Resistance
(Ohms ± 10 %)
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Coil Power
(W)
Rated
Max.
Single
Sided
Stable
(140 mW)
3
7.5
64.3
2.25
0.3
0.14
4.5
11.25
144.6
3.38
0.45
0.14
5
12.5
178
3.75
0.5
0.14
6
15.0
257
4.50
0.6
0.14
9
22.5
579
6.75
0.9
0.14
12
30.0
1028
9.00
1.2
0.14
24
48.0
2880
18.0
2.4
0.20
Single
Coil
Latching
(100 mW)
3
8.7
90
2.25
2.25#
0.10
4.5
13.0
202.5
3.38
3.38#
0.10
5
14.5
250
3.75
3.75#
0.10
6
17.4
360
4.50
4.50#
0.10
9
26.1
810
6.75
6.75#
0.10
12
34.8
1440
9.00
9.00#
0.10
24
57.6
3840
18.0
18.0#
0.15
3
6
45*
2.25
2.25#
0.20
Dual
Coil
Latching
(200 mW)
4.5
9
101*
3.38
3.38#
0.20
5
10
125*
3.75
3.75#
0.20
6
12
180*
4.50
4.50#
0.20
9
18
405*
6.75
6.75#
0.20
12
24
720*
9.00
9.00#
0.20
24
36
1920*
18.0
18.0#
0.30
*Set Coil Value and Reset Coil Value; #Reset (Max) Value
Side View
DIMENSIONS in Inches (mm)
Front View
Relay
Terminal
(Bottom View)
PCB Mounting
(Top View)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com