Electronic Components Datasheet Search
  English  ▼

X  

PC302S Datasheet(PDF) 3 Page - Picker Components

Part # PC302S
Description  Microminiature 1 Amp Signal Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC302S Datasheet(HTML) 3 Page - Picker Components

  PC302S_17 Datasheet HTML 1Page - Picker Components PC302S_17 Datasheet HTML 2Page - Picker Components PC302S_17 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC302S Rev G 8/14/2017
3 of 3
PC302S
PC302S
Single Side Stable
Single Coil Latching
Dual Coil Latching
Wiring Diagrams
(Bottom View)
Tape and Real
(Details)
SOLDERING AND MOUNTING RECOMMENDATIONS
1) Conditions for Terminal Soldering by reflow soldering method.
A. In case of Infrared Soldering
B. In case of Vapor Phase Soldering
2) The use of Stand-Off A & B in Base Area
The Stand-Offs shown in the Fig. 3 are designated to
Anchor Relays temporarily to PC Board with glue before Terminal Soldering
Time
Time
T1
T2
T3
T3
T2
T1
t1
t2
t1
t2
Fig. 1
Fig. 2
Fig. 3
T1:+120°C to +150°C
(+248°F to +302°F)
T2: +180°C to +200°C
(+356°F to +392°F)
T3: +265°C (+500°F) Max
t1: +60 to 90 Sec
t2: +30 Sec Max
T1:+120°C to +150°C
(+248°F to +302°F)
T2: +180°C to +200°C
(+356°F to +392°F)
T3: +235°C (+455°F) Max
t1: +40 to 60 Sec
t2: +60 Sec Max
Stand-Off A
Stand-Off A
Stand-Off B
Stand-Off B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com