Electronic Components Datasheet Search
  English  ▼

X  

PT6344 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6344
Description  6-A 12-V Input Adjustable Integrated Switching Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6344 Datasheet(HTML) 1 Page - Texas Instruments

  PT6344 Datasheet HTML 1Page - Texas Instruments PT6344 Datasheet HTML 2Page - Texas Instruments PT6344 Datasheet HTML 3Page - Texas Instruments PT6344 Datasheet HTML 4Page - Texas Instruments PT6344 Datasheet HTML 5Page - Texas Instruments PT6344 Datasheet HTML 6Page - Texas Instruments PT6344 Datasheet HTML 7Page - Texas Instruments PT6344 Datasheet HTML 8Page - Texas Instruments PT6344 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
Pin-Out Information
Pin
Function
1
Inhibit *
2Vin
3Vin
4Vin
5
GND
6
GND
7
GND
8
GND
9Vout
10
Vout
11
Vout
12
Vout Adj *
* For further information, see
application notes.
Description
The PT6340 Excalibur™ power modules
are a series of high performance Integrated
Switching Regulators (ISRs), housed in a
thermally efficient solderable copper case.
These modules operate from a 12V input
voltage bus to produce a high-output low-
voltage power source; ideal for powering the
industry’s latest DSP and microprocessors.
The series includes standard output bus
voltages ranging from 5VDC to 1.2VDC.
The innovative copper case construction
provides superior thermal performance in a
small footprint. Both through-hole and
surface mount pin configurations are avail-
able. The PT6340 series operating features
include external output voltage adjustment,
an On/Off inhibit, and short-circuit protection.
A 100µF input, and 330µF output capacitor
are required for proper operation.
PT Series Suffix (PT1234x )
Case/Pin
Order
Package
Configuration
Suffix
Code *
Vertical
N
(EPH)
Horizontal
A
(EPJ)
SMD
C
(EPK)
* Previously known as package styles 1540/50.
(Reference the applicable package code drawing
for the dimensions and PC board layout)
Ordering Information
PT6341
H = 5.0 Volts
PT6342
H = 3.3 Volts
PT6343
H = 2.5 Volts
PT6344
H = 1.8 Volts
PT6345
H = 1.5 Volts
PT6346
H = 1.2 Volts
PT6340
9,10,11
12
5,6,7,8
2,3,4
V
O ( ADJ )
1
C
IN
+
C
OUT
+
+V
OUT
GND
+V
IN
INH
GND
Cin
= Required 100µF electrolytic
Cout = Required 330µF electrolytic
Features
• 6A Output Current
• Input Voltage Range:
10.8 V to 13.2 V
• 90% Efficiency
• Adjustable Output Voltage
• Standby Function
• Short Circuit Protection
• Small Footprint (0.61 in2)
• Solderable Copper Case
• 8.8 106 Hours MTBF
PT6340 Series
6-A 12-V Input Adjustable
Integrated Switching Regulator
SLTS138A
Revised (2/15/2002)


Similar Part No. - PT6344

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6344 TI1-PT6344 Datasheet
206Kb / 11P
6-A 12-V Input Adjustable Integrated Switching Regulator
PT6344A TI1-PT6344A Datasheet
206Kb / 11P
6-A 12-V Input Adjustable Integrated Switching Regulator
PT6344C TI1-PT6344C Datasheet
206Kb / 11P
6-A 12-V Input Adjustable Integrated Switching Regulator
PT6344N TI1-PT6344N Datasheet
206Kb / 11P
6-A 12-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6344

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5820 TI-PT5820 Datasheet
173Kb / 10P
16-A 12-V Input Adjustable Integrated Switching Regulator
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6440 TI-PT6440 Datasheet
178Kb / 8P
6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6364 TI-PT6364 Datasheet
307Kb / 9P
11 A 12-V Input Adjustable Integrated Switching Regulator
PT6460 TI-PT6460 Datasheet
192Kb / 10P
14-A 5-V Input Adjustable Integrated Switching Regulator
PT6360 TI-PT6360 Datasheet
317Kb / 14P
11 A 12-V Input Adjustable Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
6-A 12-V Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
5-A 12 /24-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com