Electronic Components Datasheet Search
  English  ▼

X  

PT6344 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6344
Description  6-A 12-V Input Adjustable Integrated Switching Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6344 Datasheet(HTML) 3 Page - Texas Instruments

  PT6344 Datasheet HTML 1Page - Texas Instruments PT6344 Datasheet HTML 2Page - Texas Instruments PT6344 Datasheet HTML 3Page - Texas Instruments PT6344 Datasheet HTML 4Page - Texas Instruments PT6344 Datasheet HTML 5Page - Texas Instruments PT6344 Datasheet HTML 6Page - Texas Instruments PT6344 Datasheet HTML 7Page - Texas Instruments PT6344 Datasheet HTML 8Page - Texas Instruments PT6344 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Typical Characteristics
PT6340 Series
6-A 12-V Input Adjustable
Integrated Switching Regulator
Efficiency Vs Output Current
PT6340 Series Performance; @VIN =12.0V (See Note A)
Ripple Vs Output Current
Power Dissipation Vs Output Current
Safe Operating Area
(See Note B)
20
30
40
50
60
70
80
90
0123456
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0123456
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0123456
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
PT6341, Vo =5.0V, Vin =12V
PT6342, Vo =3.3V, Vin =12V
PT6345, Vo =1.5V, Vin =12V
50
60
70
80
90
100
01234
56
Iout (A)
PT6341
PT6342
PT6343
PT6344
PT6345
PT6346
0
10
20
30
40
50
0123456
Iout (A)
PT6341
PT6342
PT6343
PT6344
PT6345
PT6346
0
0.5
1
1.5
2
2.5
0123456
Iout (A)
PT6341
PT6342
PT6343
PT6344
PT6345
PT6346



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com