Electronic Components Datasheet Search
  English  ▼

X  

PT6885 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6885
Description  5-A, 15-36-V Input Integrated Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6885 Datasheet(HTML) 3 Page - Texas Instruments

  PT6885 Datasheet HTML 1Page - Texas Instruments PT6885 Datasheet HTML 2Page - Texas Instruments PT6885 Datasheet HTML 3Page - Texas Instruments PT6885 Datasheet HTML 4Page - Texas Instruments PT6885 Datasheet HTML 5Page - Texas Instruments PT6885 Datasheet HTML 6Page - Texas Instruments PT6885 Datasheet HTML 7Page - Texas Instruments PT6885 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Typical Characteristics
PT6880Series
5-A, 15-36-V Input
Integrated Switching Regulator
SLTS103B -JULY 2000 - REVISED JANUARY 2003
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
PT6881, Vout =3.3V (Note A)
SOA Curves @Vin=+24V (Note B)
20
30
40
50
60
70
80
90
012345
Iout (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
50
60
70
80
90
012345
Iout - (A)
18.0V
24.0V
36.0V
VIN
0
10
20
30
40
50
0123
45
Iout - (A)
18.0V
24.0V
36.0V
VIN
0
1
2
3
4
5
6
01234
5
Iout - (A)
36.0V
24.0V
18.0V
VIN
20
30
40
50
60
70
80
90
01
2345
Iout (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
PT6883 Vout =5V (Note A)
SOA Curves @Vin=+24V (Note B)
50
60
70
80
90
0123
45
Iout (A)
18.0V
24.0V
36.0V
V
IN
0
10
20
30
40
50
0
12345
Iout (A)
18.0V
24.0V
36.0V
VIN
0
1
2
3
4
5
6
012
34
5
Iout (A)
36.0V
24.0V
18.0V
V
IN
50
60
70
80
90
100
0
0.8
1.6
2.4
3.2
4
Iout - (A)
18.0V
24.0V
36.0V
VIN
0
20
40
60
80
100
0
0.8
1.6
2.4
3.2
4
Iout - (A)
36.0V
24.0V
18.0V
VIN
0
1
2
3
4
5
6
0
0.8
1.6
2.4
3.2
4
Iout - (A)
36.0V
24.0V
18.0V
VIN
20
30
40
50
60
70
80
90
0
0.8
1.6
2.4
3.2
4
Iout (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
PT6886, Vout =12V (Note A)
SOA Curves @Vin=+24V (Note B)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com