Electronic Components Datasheet Search
  English  ▼

X  

PT6885 Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6885
Description  5-A, 15-36-V Input Integrated Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6885 Datasheet(HTML) 4 Page - Texas Instruments

  PT6885 Datasheet HTML 1Page - Texas Instruments PT6885 Datasheet HTML 2Page - Texas Instruments PT6885 Datasheet HTML 3Page - Texas Instruments PT6885 Datasheet HTML 4Page - Texas Instruments PT6885 Datasheet HTML 5Page - Texas Instruments PT6885 Datasheet HTML 6Page - Texas Instruments PT6885 Datasheet HTML 7Page - Texas Instruments PT6885 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT6880 Series
Table 1-1: Input/Output Capacitors
Notes:
(1)
N/R –Not recommended. The voltage rating does not meet the minimum operating limits.
(2)
A fused input bus is recommended when tantalum capacitors are used on the output bus.
Capacitor Recommendations for the
PT6880 Regulator Series
Input Capacitor:
The required input capacitor is determined by a 1.2Arms
minimum ripple current rating and 560µF capacitance
value. The ripple current rating and <120m
Ω equivalent
series resistance (ESR) are the major considerations, along
with temperature, when designing with different types of
capacitors.
Tantalum/Os-Con® capacitors are not recommended
due to a minimum voltage rating of 2
× (the maximum
DC voltage + AC ripple). This is necessary to improve
the reliability of these capacitors in high bus applications.
Output Capacitors:
The ESR specification of the output capacitor should be
at least 50m
Ω. Electrolytic capacitors have marginal
ripple performance at frequencies greater than 400kHz
but excellent low frequency transient response. Above
the ripple frequency ceramic capacitors are necessary
to improve the transient response and reduce any high-
frequency noise components apparent during higher
current excursions. Electrolytic capacitors with appropriate
ESR values are identified in Table 1-1. In low-temperature
applications (<0°C), a higher capacitance with lower ESR
will improve performance.
Os-Con® and ultra low ESR type capacitors are not recom-
mended on the output bus as they degrade regulator stability.
Tantalum Capacitors (For Vout <5.1V)
Tantalum type capacitors can be used on the output bus
for output voltages less than 5.1V. Voltages higher than this
will exceed the capacitor’s published surge voltage limits.
If tantalum capacitors are located on the output bus, an
appropriate fuse with I2t current derating is recommended
along with an external clamp component. An Output
Over-voltage Clamp (OOVC) will fault the output fuse
protecting the capacitors in event of an over-voltage condi-
tion. The OOVC can be a simple zener high power di-
ode, 3-5W, located on the load side of the output bus. The
zener diode should be rated to 1.3 times the normal out-
put voltage.
Capacitor Table
Table 1-1 identifies the characteristics of capacitors from a
number of vendors with acceptable ESR and ripple
current (rms) ratings. The number of capacitors required
at both the input and output buses is identified for each
capacitor type.
This is not an extensive capacitor list. Capacitors from other
vendors are available with comparable specifications. Those listed
are for guidance. The RMS ripple current rating and ESR
(Equivalent Series Resistance at 100kHz) are critical parameters
necessary to insure both optimum regulator performance and
long capacitor life.
/
r
o
d
n
e
V
r
o
t
i
c
a
p
a
C
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V
)
F
µ
(
e
u
l
a
Vt
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
m
u
m
i
x
a
M
C
°
5
0
1
e
l
p
p
i
R
)
s
m
r
I
(
t
n
e
r
r
u
C
l
a
c
i
s
y
h
P
)
m
m
(
e
z
i
S
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
t
r
a
P
r
o
d
n
e
V
c
i
n
o
s
a
n
a
P
)
l
a
i
d
a
R
(
C
F
)
g
t
M
e
c
a
f
r
u
S
(
K
F
/
C
F
V
0
5
V
0
5
V
0
5
V
3
6
V
5
3
V
0
5
0
6
5
0
9
3
0
9
3
0
8
6
0
3
3
0
0
0
1
8
6
0
.
0
Ω
0
8
0
.
0
Ω
0
8
0
.
0
Ω
0
8
0
0
Ω
0
8
0
.
0
Ω
3
7
0
.
0
Ω
A
m
0
0
9
1
A
m
0
1
6
1
A
m
0
1
6
1
A
m
0
9
6
1
A
m
0
5
8
A
m
0
1
6
1
8
1
× 5
1
5
1
x
6
1
6
1
× 5
1
8
1
× 5
.
6
1
0
1
× 2
.
0
1
6
1
× 5
.
6
1
1
2
2
1
R
/
N
)
1
(
1
1
1
1
1
1
1
1
6
5
H
1
C
F
U
E
E
S
1
9
3
H
1
C
F
U
E
E
S
1
9
3
H
1
C
F
U
E
E
M
1
8
6
J
1
K
F
V
E
E
P
1
3
3
V
1
K
F
V
E
E
M
2
0
1
H
1
K
F
V
E
E
n
o
c
-
i
m
e
h
C
d
e
t
i
n
U
s
e
i
r
e
S
V
X
L
/
Z
X
L
)
g
t
M
e
c
a
f
r
u
S
(
Y
V
M
V
0
5
V
5
3
V
5
3
0
8
6
0
3
3
0
2
2
8
4
0
.
0
Ω
8
6
0
.
0
Ω
0
5
1
.
0
Ω
A
m
0
4
8
1
A
m
0
5
0
1
A
m
0
7
6
6
1
× 0
2
0
1
× 6
1
0
1
× 3
.
0
1
1
R
/
N
)
1
(
R
/
N
)
1
(
1
1
2
L
L
0
2
X
6
1
M
1
8
6
B
V
0
5
Z
X
L
L
L
6
1
X
0
1
M
1
3
3
B
V
5
3
V
X
L
P
T
0
1
X
0
1
M
1
1
2
2
C
V
5
3
Y
V
M
n
o
c
i
h
c
i
N
s
e
i
r
e
S
M
P
V
0
5
V
3
6
V
0
5
0
6
5
0
6
5
0
3
3
4
4
0
.
0
Ω
9
3
0
.
0
Ω
0
6
0
.
0
Ω
A
m
0
5
5
1
A
m
0
0
4
1
A
m
0
1
2
1
6
1
× 0
2
8
1
× 0
2
6
1
× 5
1
1
1
2
1
1
1
6
H
H
M
1
6
5
H
1
M
P
U
6
H
H
M
1
6
5
J
1
M
P
U
6
H
H
M
1
3
3
H
1
M
P
U
m
u
l
a
t
n
a
T
X
V
A
)
t
g
t
M
e
c
a
f
r
u
S
(
S
P
T
V
0
1
V
0
1
0
3
3
0
3
3
0
1
.
0
Ω
6
0
.
0
Ω
A
m
0
0
5
2
>
A
m
0
0
0
3
>
L
3
.
7
× W
7
.
5
× H
1
.
4
R
/
N
)
1
(
R
/
N
)
1
(
1
1
0
0
1
0
R
0
1
0
M
7
3
3
E
S
P
TV
( o
)
V
1
.
5
<
0
6
0
0
R
0
1
0
M
7
3
3
V
S
P
TV
( o
)
V
1
.
5
<
m
u
l
a
t
n
a
T
t
e
m
e
K
)
2
(
s
e
i
r
e
S
5
9
4
T
/
6
9
4
T
(t
n
u
o
M
e
c
a
f
r
u
S)
V
0
1
V
0
1
0
2
2
0
2
2
0
0
5
.
0
Ω
0
7
0
.
0
Ω
A
m
0
0
5
A
m
0
0
0
2
>
W
3
.
4
× L
3
.
7
× H
0
.
4
R
/
N
)
1
(
R
/
N
)
1
(
2
2
S
A
0
1
0
M
7
2
2
X
6
9
4
TV
( o
)
V
1
.
5
<
S
A
0
0
1
0
M
7
2
2
X
5
9
4
TV
( o
)
V
1
.
5
<
m
u
l
a
t
n
a
T
e
u
g
a
r
p
S
)
2
(
s
e
i
r
e
S
D
4
9
5
(t
n
u
o
M
e
c
a
f
r
u
S)
V
0
10
3
30
3
1
.
0
Ω
A
m
3
9
3
1L
2
.
7
× W
6
× H
1
.
4
R
/
N
)
1
(
1T
2
R
0
1
0
0
X
7
3
3
D
5
9
5V
( o
)
V
1
.
5
<



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com