Electronic Components Datasheet Search
  English  ▼

X  

BPV11F Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BPV11F
Description  Silicon NPN Phototransistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPV11F Datasheet(HTML) 2 Page - Vishay Siliconix

  BPV11F Datasheet HTML 1Page - Vishay Siliconix BPV11F Datasheet HTML 2Page - Vishay Siliconix BPV11F Datasheet HTML 3Page - Vishay Siliconix BPV11F Datasheet HTML 4Page - Vishay Siliconix BPV11F Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BPV11F
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 03-May-13
2
Document Number: 81505
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 2 - Collector Dark Current vs. Ambient Temperature
Fig. 3 - Relative Collector Current vs. Ambient Temperature
0
40
80
120
160
200
Tamb - Ambient Temperature (°C)
100
80
60
40
20
0
94 8300
RthJA
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Collector emitter breakdown voltage
IC = 1 mA
V(BR)CEO
70
V
Collector emitter dark current
VCE = 10 V, E = 0
ICEO
150
nA
DC current gain
VCE = 5 V, IC = 5 mA, E = 0
hFE
450
Collector emitter capacitance
VCE = 0 V, f = 1 MHz, E = 0
CCEO
15
pF
Collector base capacitance
VCE = 0 V, f = 1 MHz, E = 0
CCBO
19
pF
Collector light current
Ee = 1 mW/cm2,  = 950 nm, VCB = 5 V
Ica
39
mA
Angle of half sensitivity
± 15
deg
Wavelength of peak sensitivity
p
930
nm
Range of spectral bandwidth
0.5
900 to 980
nm
Collector emitter saturation voltage
Ee = 1 mW/cm2,  = 950 nm, IC = 1 mA
VCEsat
130
300
mV
Turn-on time
VS = 5 V, IC = 5 mA, RL = 100 
ton
6μs
Turn-off time
VS = 5 V, IC = 5 mA, RL = 100 
toff
5μs
Cut-off frequency
VS = 5 V, IC = 5 mA, RL = 100 
fc
110
kHz
94 8249
20
100
40
60
80
Tamb - Ambient Temperature (°C)
10
101
102
103
104
V
CE = 10 V
0
0.6
0.8
1.0
1.2
1.4
2.0
20
40
60
80
100
1.6
1.8
λ
94 8239
Tamb - Ambient Temperature (°C)
V
CE = 5 V
E
e = 1 mW/cm
2
= 950 nm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com