Electronic Components Datasheet Search
  English  ▼

X  

BPV11F Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BPV11F
Description  Silicon NPN Phototransistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPV11F Datasheet(HTML) 3 Page - Vishay Siliconix

  BPV11F Datasheet HTML 1Page - Vishay Siliconix BPV11F Datasheet HTML 2Page - Vishay Siliconix BPV11F Datasheet HTML 3Page - Vishay Siliconix BPV11F Datasheet HTML 4Page - Vishay Siliconix BPV11F Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BPV11F
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 03-May-13
3
Document Number: 81505
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 4 - Collector Light Current vs. Irradiance
Fig. 5 - Collector Light Current vs. Collector Emitter Voltage
Fig. 6 - Amplification vs. Collector Current
Fig. 7 - Collector Base Capacitance vs. Collector Base Voltage
Fig. 8 - Collector Emitter Capacitance vs. Collector Emitter Voltage
Fig. 9 - Turn-on/Turn-off Time vs. Collector Current
0.01
0.1
1
0.01
0.1
1
10
100
Ee - Irradiance (mW/cm²)
10
94 8244
V
CE = 5 V
λ = 950 nm
0.1
1
10
0.1
1
10
100
VCE - Collector Emitter Voltage (V)
100
94 8245
E
e = 1 mW/cm
2
λ = 950 nm
0.5 mW/cm2
0.2 mW/cm2
0.1 mW/cm2
0.05 mW/cm2
0.02 mW/cm2
0.01
0.1
1
10
0
200
400
600
800
IC - Collector Current (mA)
100
94 8250
V
CE = 5 V
0.1
1
10
0
4
8
12
16
20
VCB - Collector Base Voltage (V)
100
94 8246
f = 1 MHz
0.1
1
10
0
4
8
12
16
20
VCE - Collector Ermitter Voltage (V)
100
94 8247
f = 1 MHz
16
12
8
4
0
94 8253
0
2
4
6
8
12
IC - Collector Current (mA)
10
V
CE = 5 V
R
L = 100 Ω
λ = 950 nm
t
off
t
on



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com