Electronic Components Datasheet Search
  English  ▼

X  

GR152 Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # GR152
Description  1.5A Leaded Type General Purpose Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

GR152 Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  GR152 Datasheet HTML 1Page - Chip Integration Technology Corporation GR152 Datasheet HTML 2Page - Chip Integration Technology Corporation GR152 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Reverse Voltage (Volts)
0
20
40
60
80
100
Percent of Rated Peak Reverse Voltage ( %)
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
O
Ambient Temperature ( C)
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
1.8
1.5
1.2
0.9
0.6
0.3
Fig. 3 - Typical Instantaneour Forward
Characteristics
Fig. 4 - Typical Reverse Characteristics
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Instantaneous Forward Voltage (Volts)
Fig. 5 - Typical Junction Capacitance
0.1
1.0
10
100
1
10
100
0.01
0.1
1.0
10
0.01
0.1
1.0
10
100
O
TJ=25 C
pulse width = 300us
1% duty cycle
O
TJ=25 C
O
TJ=125 C
single phase
half wave 60Hz
resistive or
inductive load
0.375" (9.5mm)
lead length
60
40
20
0
1
10
100
O
Tj=25 C
O
TJ=150 C
O
TJ=150 C
GR1505 THRU GR1510
1.5A Leaded Type General Purpose Rectifiers
Document ID : DS-11G09
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com