Electronic Components Datasheet Search
  English  ▼

X  

GR152 Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # GR152
Description  1.5A Leaded Type General Purpose Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

GR152 Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  GR152 Datasheet HTML 1Page - Chip Integration Technology Corporation GR152 Datasheet HTML 2Page - Chip Integration Technology Corporation GR152 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
■
•
•
•
•
•
•
Axial lead type devices for through hole design.
High current capability.
High surge capability.
Glass passivated chip junction inside.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "G" indicates Halogen-free part, ex.GR1505G.
GR1505 THRU GR1510
1.5A Leaded Type General Purpose Rectifiers
I
O
I
FSM
I
R
T
STG
Forward rectified current
Forward surge current
Reverse current
Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 125 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-50
+150
300
1.0
1.5
50
A
A
uA
OC
Operating
temperature
O
T ( C)
J
-50 ~ +150
Max.
forward voltage
O
@1.5A, T = 25 C
A
V (V)
F
1.10
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
RRM
100
200
400
50
600
800
Marking code
GR151
GR152
GR154
GR1505
GR156
GR158
Symbol
Max.
reverse recovery
time(1)
T (us)
rr
GR1510
GR151
GR152
GR154
GR1505
GR156
GR158
GR1510
1000
100
200
400
50
600
800
1000
700
Note : 1. I = 0.5A, I = 1.0A , I
= 0.25A
F
R
RR
2.5
C
J
Diode junction capacitance
20
pF
R
θJA
Thermal resistance
50
OC/W
Junction to ambient
f=1MHz and applied 4V DC reverse voltage
• Case : Molded plastic, DO-204AC / DO-15
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity : Color band denotes cathode end
• Weight : Approximated 0.39 gram
• Epoxy:UL94-V0 rated flame retardant
DO-15(DO-204AC)
Marking code
1.0 (25.4) MIN.
1.0 (25.4) MIN.
.300 (7.6)
.230 (5.8)
.034 (0.9)
.028 (0.7)
DIA.
.140 (3.6)
.104 (2.6)
DIA.
Document ID : DS-11G09
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C


Similar Part No. - GR152

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GR15-G EIC-GR15-G Datasheet
97Kb / 2P
HIGH VOLTAGE
GR15-G-2 EIC-GR15-G-2 Datasheet
435Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
GeneSiC Semiconductor, ...
GR1500JT12-247 GENESIC-GR1500JT12-247 Datasheet
589Kb / 9P
OFF Silicon CarbideJunction Transistor
GR1500JT12-263 GENESIC-GR1500JT12-263 Datasheet
633Kb / 9P
OFF Silicon CarbideJunction Transistor
GR1500JT17-247 GENESIC-GR1500JT17-247 Datasheet
591Kb / 9P
OFF Silicon CarbideJunction Transistor
More results

Similar Description - GR152

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D2SB20 SHINDENGEN-D2SB20 Datasheet
271Kb / 5P
General Purpose Rectifiers(200V 1.5A)
D2SB60 SHINDENGEN-D2SB60 Datasheet
272Kb / 5P
General Purpose Rectifiers(600V 1.5A)
D2SB60L SHINDENGEN-D2SB60L Datasheet
318Kb / 5P
General Purpose Rectifiers(600V 1.5A)
D2SB80 SHINDENGEN-D2SB80 Datasheet
272Kb / 5P
General Purpose Rectifiers(800V 1.5A)
D2SBA20 SHINDENGEN-D2SBA20 Datasheet
271Kb / 5P
General Purpose Rectifiers(200V 1.5A)
D2SBA60 SHINDENGEN-D2SBA60 Datasheet
272Kb / 5P
General Purpose Rectifiers(600V 1.5A)
logo
Chip Integration Techno...
GP30Y CITC-GP30Y Datasheet
578Kb / 3P
3A Leaded Type General Purpose Rectifiers
GR1005 CITC-GR1005 Datasheet
89Kb / 3P
1A Leaded Type General Purpose Rectifiers
GR2005 CITC-GR2005 Datasheet
145Kb / 3P
2A Leaded Type General Purpose Rectifiers
GR3005 CITC-GR3005 Datasheet
89Kb / 3P
3A Leaded Type General Purpose Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com